Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9301FP Datasheet(PDF) 8 Page - Davicom Semiconductor, Inc.

Part # DM9301FP
Description  100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9301FP Datasheet(HTML) 8 Page - Davicom Semiconductor, Inc.

Back Button DM9301FP Datasheet HTML 4Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 12Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
DM9301FP
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
8
Final
Version: DM9301FP-DS-F03
June 06, 2007
Diagnostic Port Interface (Continued)
39, 40
MUXCTL1,
MUXCTL0
I
Mux. Control 1 and 0:
Used for testing the DM9301FP Data Paths. Set to zero
for normal operation.
Initiated at an H/W reset. Active high.
MUXCTL1 MUXCTL0
DATA PATH
0
0
Normal, FX to TX and TX to FX
1
0
TX Transmit from TXD[4:0]
TXCLK from TX PLL
TX Receive to RXD[4:0]
RXCLK from TX receive clock
0
1
FX Transmit from TXD[4:0]
TXCLK from FX PLL
FX Receive to RXD[4:0]
RXCLK from FX receive clock
1
1
TX Transmit from TXD[4:0]
TXCLK from TX PLL
FX Receive to RXD[4:0]
RXCLK from FX receive clock
65, 54,
55, 57,
58, 60,
61
TPO6, TPO5,
TPO4, TPO3,
TPO2, TPO1,
TPO0
O
Test Port Output:
Reflects the DM9301FP internal status. Selection of
status indicators is made by using TPEN and TPMUX.
Initiated at an H/W reset. Active high.
92, 91, 89,
88
TPI3, TPI2, TPI1,
TPI0,
I
Test Port Input:
Controls the DM9301FP internal test features. Selection
of input control is made by using TPEN and TPMUX.
TPEN must be true (one) for this signal to take effect.
Initiated at an H/W reset. Active high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com