Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9801A Datasheet(PDF) 39 Page - Davicom Semiconductor, Inc.

Part # DM9801A
Description  1M Home Phoneline Network Physical Layer Single Chip Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9801A Datasheet(HTML) 39 Page - Davicom Semiconductor, Inc.

Back Button DM9801A Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9801A Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9801A Datasheet HTML 37Page - Davicom Semiconductor, Inc. DM9801A Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM9801A Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM9801A Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9801A Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9801A Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM9801A Datasheet HTML 43Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
DM9801A
1M Home Phoneline Network Physical Layer Single Chip Transceiver
Final
39
Version: DM9801A-DS-F01
May 30, 2001
RX_PCOM Low A Register - Register 13 (INTFSEL = 1, GPSI Mode)
Bit
Bit Name
Default
Description
13.7 –
13.0
RX_PCOM_LOA
0, RW
RX_PCOM_LOA:
The 15
th through the 8th bits of the 32-bit receive data field to be used
for out-of-band communications between PHY management entities.
A non-null receive PCOM will set the RX_PCOM_VAL bit in the ISTAT
register.
An access of the high byte of the RX_PCOM_HI register will clear the
RX_PCOM_VAL bit in the ISTAT register.
RX_PCOM High B Register - Register 14 (INTFSEL = 1, GPSI Mode)
Bit
Bit Name
Default
Description
14.7 –
14.0
RX_PCOM_HIB
0, RW
RX_PCOM_HIB:
The 23
rd through the 16th bits of the 32-bit receive data field to be used
for out-of-band communications between PHY management entities.
A non-null receive PCOM will set the RX_PCOM_VAL bit in the ISTAT
register.
An access of the high byte of this register will clear the
RX_PCOM_VAL bit in the ISTAT register.
RX_PCOM High A Register - Register 15 (INTFSEL = 1, GPSI Mode)
Bit
Bit Name
Default
Description
15.7 -
15.0
RX_PCOM_HIA
0, RW
RX_PCOM_HIA:
The MSB of the 32-bit receive data field to be used for out-of-band
communications between PHY management entities.
A non-null receive PCOM will set the RX_PCOM_VAL bit in the ISTAT
register.
An access of the high byte of this register will clear the
RX_PCOM_VAL bit in the ISTAT register.
Noise Level Register - Register 16 (INTFSEL = 1, GPSI Mode)
Bit
Bit Name
Default
Description
16.7 -
16.0
NOISE_LEVEL
0x07, RW
NOISE LEVEL:
This is the digital value of the SLICE_LVL_NOISE output. It is
effectively a measure of the noise level on the wire. When auto-
adaptation is enabled (bit 5 of the Control register is false) this register
is updated with the current noise count every 50n Secs. When
adaptation is disabled, this register can be written and is used to
generate both the SLICE_LVL_NOISE and the SLICE_LVL_DATA
signals.
Peak Level Register - Register 17 (INTFSEL = 1, GPSI Mode)
Bit
Bit Name
Default
Description
17.7 -
17.0
PEAK_LEVEL
0xFF, RW
Peak Level:
This is a measurement of the peak level of the last valid (non-collision)
AID received also, the maximum allowable value of the noise
measurement. If NOISE_LEVEL exceeds PEAK_LEVEL,
NOISE_LEVEL is reset to NOISE_FLOOR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com