Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9801A Datasheet(PDF) 21 Page - Davicom Semiconductor, Inc.

Part # DM9801A
Description  1M Home Phoneline Network Physical Layer Single Chip Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9801A Datasheet(HTML) 21 Page - Davicom Semiconductor, Inc.

Back Button DM9801A Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9801A Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9801A Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9801A Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9801A Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9801A Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9801A Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9801A Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9801A Datasheet HTML 25Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
DM9801A
1M Home Phoneline Network Physical Layer Single Chip Transceiver
Final
21
Version: DM9801A-DS-F01
May 30, 2001
Serial Peripheral Interface (SPI) Bus
When INTFSEL is asserted, the DM9801A is
configured to operate in SPI mode. While
configured to operate in SPI mode, the DM9801A
can act as a SPI Slave or SPI Master. Asserting
SMODE places the DM9801A in SPI Slave mode.
Clearing SMODE places the DM9801A in SPI
Master Mode.
The SPI (Serial Peripheral Interface) Bus uses a
four-wired serial interface to obtain and control the
status of the physical layer through the SPI Bus
interface. The serial control interface consists of SI
(serial data input), SO (serial data output), SCLK
(serial clock), and SCS# (serial interface chip
select) signals. When operating in Master mode the
DM9801A drives the SCLK and SCS# signals,
when operating in Slave mode these signals are
inputs.
SPI-Slave Mode (Valid only in GPSI Mode)
When SMODE is asserted the DM9801A is
configured for SPI Slave operation. Commands are
issued to the DM9801A by asserting the SCS#
signal, shifting in an 8-bit opcode followed by a
register address and an end delimiter. If the
operation is a write, the address is followed by an 8-
bit data byte. If the operation is a read, the SO pin
will shift out an 8-bit data byte representing the
contents of the register referenced by the address
field. Only one command can be sent in one SCS#
cycle. The DM9801A does not support multiple byte
reads or writes.
SPI-Master Mode (Valid only in GPSI Mode)
When SMODE is cleared the DM9801A is
configured for SPI Master operation. When the
DM9801A is configured for SPI-Master operation, it
will load all programmable registers from an
external SPI type EEPROM. The memory locations
loaded may be offset via the boot page pins,
BP[1:0], allowing a single 256 byte serial EEPROM
to hold four distinct sets of default register values.
After RESET# has cleared the DM9801A will assert
SCS#, shift out a Read opcode (0x03), followed by
the initial address to be read (as modified by the
Boot Page pins). The DM9801A will then shift in the
memory contents, auto incrementing the register
address being programmed every 8-bits. Once all
64-bytes have been read, the DM9801A releases
SCS#. The SCLK continues to run. Opcodes are
shown in Table 1.
Instruction Format
Instruction Name
0000 0110
Set WE
0000 0100
Clear WE
0000 0011
Read
0000 0010
Write
OPCODES
Table 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com