Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLE335 Datasheet(PDF) 1 Page - Clairex Technologies, Inc

Part # CLE335
Description  850nm Super Efficient AlGaAs IREDs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLE335 Datasheet(HTML) 1 Page - Clairex Technologies, Inc

  CLE335 Datasheet HTML 1Page - Clairex Technologies, Inc CLE335 Datasheet HTML 2Page - Clairex Technologies, Inc CLE335 Datasheet HTML 3Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLE335, CLE330E, CLE330W
850nm Super Efficient AlGaAs IREDs
Clairex
Technologies, Inc.
November, 2005
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
®
.149+.000
-.003
[3.78+.00
-.08
]
.051±.010 [1.30±.25]
CATHODE
ANODE
Ø.100±0.005 [Ø2.54±.13]
.141±.006 [3.59±.15]
.017+.002
-.001
[.43+.05
-.03
]
Ø.210+.002
-.001
[Ø5.33+.05
-.03
]
.025 [.064] MAX
.183±.001 [4.65±.03]
.154±.002 [3.91±.05]
1.00 [25.4] MIN
.050 [1.27]
MAX
.094 [2.39]
.166±.001 [4.22±.03]
.012+.000
-.003
[.30+.00
-.08
]
CATHODE
ANODE
Ø.100±0.005 [Ø2.54±.13]
.141±.006 [3.59±.15]
.017+.002
-.001
[.43+.05
-.03
]
Ø.210+.002
-.001
[Ø5.33+.05
-.03
]
1.00 [25.4] MIN
Ø.100±.005 [Ø2.54±.13]
1.00 [25.4] MIN
.017+.002
-.001
[.43+.05
-.03
]
.145+.004
-.003
[3.68+.10
-.08
]
.184±.001 [4.67±.03]
.154±.002 [3.90±.05]
.018+.003
-.002
[.45+.08
-.05
]
.142±.006 [3.62±0.15]
ANODE
CATHODE
Ø.210+.002
-.001
[Ø5.33+.05
-.03
]
ALL DIMENSIONS ARE IN
INCHES (MILLIMETERS)
CLE335
CLE330E
CLE330W
Revised 11/08/06


Similar Part No. - CLE335

ManufacturerPart #DatasheetDescription
logo
Clairex Technologies, I...
CLE331 CLAIREX-CLE331 Datasheet
114Kb / 1P
AlGaAs Point Source IRED Collimating Lens
CLE331E CLAIREX-CLE331E Datasheet
102Kb / 1P
Aluminum Gallium Arsenide IRED Point source Die
CLE331W CLAIREX-CLE331W Datasheet
104Kb / 1P
Aluminum Gallium Arsenide IRED Point Source Die
CLE332 CLAIREX-CLE332 Datasheet
125Kb / 2P
850nm Point Source Emitters
CLE332E CLAIREX-CLE332E Datasheet
125Kb / 2P
850nm Point Source Emitters
More results

Similar Description - CLE335

ManufacturerPart #DatasheetDescription
logo
NEC
NDL4201A NEC-NDL4201A Datasheet
33Kb / 2P
850nm OPTICAL FIBER COMMUNICATIONS AlGaAs LIGHT EMITTING DIODE
logo
List of Unclassifed Man...
CLE310F ETC1-CLE310F Datasheet
102Kb / 1P
Super-efficient AlGaAs IRED Flat Lead PLCC Package
logo
BRIGHT LED ELECTRONICS ...
BM-08F58MD BRIGHT-BM-08F58MD Datasheet
371Kb / 3P
super red chips, which are made from AlGaAs on AlGaAs substrate.
BM-08F88MD BRIGHT-BM-08F88MD Datasheet
665Kb / 3P
super red chips, which are made from AlGaAs on AlGaAs substrate.
BM-08K88MD BRIGHT-BM-08K88MD Datasheet
584Kb / 3P
super red chips, which are made from AlGaAs on AlGaAs substrate.
BM-08K88ND BRIGHT-BM-08K88ND Datasheet
579Kb / 3P
super red chips, which are made from AlGaAs on AlGaAs substrate.
logo
Clairex Technologies, I...
CFE370 CLAIREX-CFE370 Datasheet
107Kb / 1P
Fiber Optic AlGaAs IREDs
CLE135 CLAIREX-CLE135 Datasheet
140Kb / 2P
940nm High Efficiency GaAs/AlGaAs IREDs
CLE310F CLAIREX-CLE310F Datasheet
106Kb / 1P
Super-efficient AlGaAs IRED Flat Lead PLCC Package
CLE336 CLAIREX-CLE336 Datasheet
106Kb / 1P
850nm Super-Efficient AlGaAs Emitter Narrow Radiation Pattern
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com