Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLE335 Datasheet(PDF) 2 Page - Clairex Technologies, Inc

Part # CLE335
Description  850nm Super Efficient AlGaAs IREDs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLE335 Datasheet(HTML) 2 Page - Clairex Technologies, Inc

  CLE335 Datasheet HTML 1Page - Clairex Technologies, Inc CLE335 Datasheet HTML 2Page - Clairex Technologies, Inc CLE335 Datasheet HTML 3Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLE335, CLE330E, CLE330W
850nm Super Efficient AlGaAs IREDs
Clairex
Technologies, Inc.
®
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
features
• TO-46 header with three lens options
• cathode connected to case
• exceptionally high power output
• different package styles provide
flexible design options
• RoHS compliant
description
The CLE335 series of products are high
efficiency, high speed AlGaAs infrared
emitting diodes. Output power typically
exceeds standard AlGaAs emitters by
50%. The chip backside is N type
material resulting in the case being
common to the cathode. Three different
lensing options are offered which satisfy
the majority of application requirements.
Contact Clairex for other package
options.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature
CLE335 and CLE330W ............................................................. -65°C to +150°C
CLE330E ................................................................................... -65°C to +100°C
operating temperature
CLE335 and CLE330W ............................................................. -65°C to +150°C
CLE330E ................................................................................... -65°C to +100°C
lead soldering temperature
(1) .........................................................................260°C
continuous forward current
(2) ....................................................................... 100mA
peak forward current (1.0ms pulse width, 10% duty cycle)................................. 1A
reverse voltage ................................................................................................... 5V
continuous power dissipation
(3) ................................................................... 200mW
notes:
1.
0.06” (1.5mm) from the header for 5 seconds maximum
2.
Derate linearly 0.64mA/°C from 25°C free air temperature to TA = +150°C
or 1.06mA/°C to TA = +100°C (CLE330E).
3.
Derate linearly 1.28mW/°C from 25°C free air temperature to TA = +150°C
or 2.13mW/°C to TA = +100°C (CLE330E).
electrical characteristics (TA = 25°C unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
CLE335 Series
VF
Forward voltage
-
1.7
1.9
V
IF = 100mA
IR
Reverse current
-
-
10
µA
VR = 5V
λp
Peak wavelength
-
850
-
nm
IF = 100mA
BW
Spectral bandwidth
-
50
-
nm
IF = 20mA
tr,
Output rise time
-
11
-
ns
IF = 100mA, f =1kHz, D.C.=50%
tf
Output fall time
-
7.0
-
ns
IF = 100mA, f =1kHz, D.C.=50%
CLE330E
PO
Total output power
11
25
-
mW
IF = 100mA
PO
Total output power
2.0
3.0
-
mW
IF = 20mA
θHP
Emission angle at half power points
-
80
-
deg.
IF = 20mA
CLE330W
PO
Total output power
10
20
-
mW
IF = 100mA
PO
Total output power
2.0
3.0
-
mW
IF = 20mA
θHP
Emission angle at half power points
-
70
-
deg.
IF = 20mA
CLE335
PO
Total output power
10
20
-
mW
IF = 100mA
Ee
Irradiance
(4)
2.5
3.5
-
mW/cm
2
IF = 100mA
θHP
Emission angle at half power points
-
22
-
deg.
IF = 20mA
note: 4. Ee is a measure of irradiance (power/unit area) within a 0.444" (1.128cm) diameter area, centered on the
mechanical axis of the device and spaced 2.54" (6.45cm) from the lens side of the tab. This is geometrically
equivalent to a 10° cone.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com