Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLL134W Datasheet(PDF) 4 Page - Clairex Technologies, Inc

Part # CLL134W
Description  Photo-IC Sensors Digital Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLL134W Datasheet(HTML) 4 Page - Clairex Technologies, Inc

  CLL134W Datasheet HTML 1Page - Clairex Technologies, Inc CLL134W Datasheet HTML 2Page - Clairex Technologies, Inc CLL134W Datasheet HTML 3Page - Clairex Technologies, Inc CLL134W Datasheet HTML 4Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLL Series
Photo-IC Sensors
Digital Output
electrical characteristics (TA = 25°C unless otherwise noted)
parameter
symbol
min
typ
max
units
test conditions
CLL130/CLL130W and CLL136/CLL136W (buffer, 10kΩ pull-up)
High state output voltage
VOH
4.5
-
-
V
VCC = 5.0V,
Ee (+) ≥ 0.5mW/cm
2
Low state output voltage
VOL
-
-
0.4
V
VCC = 5.0V, Ee (+) = 0
Output rise and fall time
tr, tf
-
75
-
ns
Propagation delay
tPHL, tPLH
-
5
-
µs
VCC = 5.0V, Ee = 0 or
0.5mW/cm
2, f = 10kHz,
D.C. = 50%, RL = 330Ω
CLL131/CLL131W and CLL137/CLL137W (inverter, 10kΩ pull-up)
High state output voltage
VOH
4.5
-
-
V
VCC = 5.0V, Ee (+) = 0
Low state output voltage
VOL
-
-
0.4
V
VCC = 5.0V,
Ee (+) ≥ 0.5mW/cm
2
Output rise and fall time
tr, tf
-
75
-
ns
Propagation delay
tPHL, tPLH
-
5
-
µs
VCC = 5.0V, Ee = 0 or
0.5mW/cm
2, f = 10kHz,
D.C. = 50%, RL = 330Ω
CLL134/CLL134W (buffer, open collector)
High state output current
IOH
-
-
100
µA
VCC = 5.0V, VOH = 30V
Ee (+) ≥ 0.5mW/cm
2
Low state output voltage
VOL
-
-
0.4
V
VCC = 5.0V, Ee (+) = 0
RL = 330Ω
Output rise and fall time
tr, tf
-
75
-
ns
Propagation delay
tPHL, tPLH
-
5
-
µs
VCC = 5.0V, Ee = 0 or
0.5mW/cm
2, f = 10kHz,
D.C. = 50%, RL = 330Ω
CLL133/CLL133W and CLL135/CLL135W (inverter, open collector)
High state output current
IOH
-
-
100
µA
VCC = 5.0V, VOH = 30V
Ee (+) = 0
Low state output voltage
VOL
-
-
0.4
V
VCC = 5.0V, RL = 330Ω
Ee (+) ≥ 0.5mW/cm
2
Output rise and fall time
tr, tf
-
75
-
ns
Propagation delay
tPHL, tPLH
-
5
-
µs
VCC = 5.0V, Ee = 0 or
0.5mW/cm
2, f = 10kHz,
D.C. = 50%, RL = 330Ω
NOTE: Due to the high sensitivity of the CLL series, when used in high speed switching
applications, Clairex recommends installing a 0.1µF capacitor between VCC and GND.
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
Page 4 of 4
Clairex
Technologies, Inc.
®



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com