Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLL134W Datasheet(PDF) 2 Page - Clairex Technologies, Inc

Part # CLL134W
Description  Photo-IC Sensors Digital Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLL134W Datasheet(HTML) 2 Page - Clairex Technologies, Inc

  CLL134W Datasheet HTML 1Page - Clairex Technologies, Inc CLL134W Datasheet HTML 2Page - Clairex Technologies, Inc CLL134W Datasheet HTML 3Page - Clairex Technologies, Inc CLL134W Datasheet HTML 4Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLL Series
Photo-IC Sensors
Digital Output
Schematics
Clairex
Technologies, Inc.
®
VCC
ADJ
VOUT
GND
CLL133/CLL133W
Open collector – inverter with Adjust
VCC
ADJ
10kΩ
VOUT
GND
CLL131/CLL131W
10kΩ pull-up – inverter with Adjust
VCC
ADJ
10kΩ
VOUT
GND
CLL130/CLL130W
10kΩ pull-up – buffer with Adjust
VREG
LA
VCC
VOUT
GND
CLL135/CLL135W
Open collector - inverter
VCC
VOUT
GND
CLL134/CLL134W
Open collector - buffer
VREG
LA
VREG
VREG
LA
VREG
LA
VCC
10kΩ
VOUT
GND
CLL137/CLL137W
10kΩ pull-up – inverter
VREG
LA
VCC
10kΩ
VOUT
GND
CLL136/CLL136W
10kΩ pull-up – buffer
VREG
LA
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
Page 2 of 4
LA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com