Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US1010CD Datasheet(PDF) 1 Page - UNISEM

Part # US1010CD
Description  1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US1010CD Datasheet(HTML) 1 Page - UNISEM

  US1010CD Datasheet HTML 1Page - UNISEM US1010CD Datasheet HTML 2Page - UNISEM US1010CD Datasheet HTML 3Page - UNISEM US1010CD Datasheet HTML 4Page - UNISEM US1010CD Datasheet HTML 5Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
US1010
2-1
Rev. 1.3
10/30/00
TYPICAL APPLICATION
TYPICAL APPLICATION
DESCRIPTION
DESCRIPTION
The US1010 is a low dropout three terminal adjustable
regulator with minimum of 1A output current capability.
This product is specifically designed to provide well regu-
lated supply for low voltage IC applications such as high
speed bus termination and low current 3.3V logic
supply. The US1010 is also well suited for other appli-
cations such as VGA and sound cards. The US 1010 is
guaranteed to have <1.3V drop out at full load cur-
rent making it ideal to provide well regulated outputs of
2.5V to 3.6V with 4.75V to 7V input supply.
FEATURES
FEATURES
Guaranteed < 1.3V Dropout at Full Load
Current
Fast Transient Response
1% Voltage Reference Initial Accuracy
Built-in Thermal Shutdown
Available in SOT-223, D-PAK , Power Flex
and 8 pin SOIC Surface Mount Packages
APPLICATIONS
APPLICATIONS
VGA & Sound Card Applications
Low Voltage High Speed Termination Applications
Standard 3.3V Chip-Set and Logic Applications
1A LOW DROPOUT POSITIVE
ADJUSTABLE REGULATOR
Typical Application of US1010 in a 5V to 2.85V SCSI termination regulator .
PACKAGE ORDER INFORMATION
PACKAGE ORDER INFORMATION
Tj (°C)
2 PIN PLASTIC
3 PIN PLASTIC
2 PIN PLASTIC
8 PIN PLASTIC
TO252 (D)
SOT223 (Y)
POWER FLEX (P)
SOIC (S)
0 TO 150
US1010CD
US1010CY
US1010CP
US1010CS
PRELIMINARY DATASHEET
5V
2.85V / 1A
R1
121
R2
154
C1
10uF
C2
22uF
US1010
1010app1-1.4
3
1
2
Vin
Vout
Adj
D1


Similar Part No. - US1010CD

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1010-25 UNISEM-US1010-25 Datasheet
19Kb / 3P
1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
US1010-25CD UNISEM-US1010-25CD Datasheet
19Kb / 3P
1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
US1010-25CP UNISEM-US1010-25CP Datasheet
19Kb / 3P
1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
US1010-25CY UNISEM-US1010-25CY Datasheet
19Kb / 3P
1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
US1010-33 UNISEM-US1010-33 Datasheet
19Kb / 3P
1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
More results

Similar Description - US1010CD

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1206 UNISEM-US1206 Datasheet
39Kb / 7P
1A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE & FIXED REGULATOR
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A Datasheet
136Kb / 8P
1A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1010 IRF-IRU1010 Datasheet
95Kb / 6P
1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1010CDTR IRF-IRU1010CDTR Datasheet
75Kb / 10P
1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Anachip Corp
AP1187 ANACHIP-AP1187 Datasheet
178Kb / 6P
1A Ultra Low Dropout Positive Adjustable Regulator
Rev.1.1 Aug 23, 2005
logo
Aimtron Technology
AT1117 AIMTRON-AT1117 Datasheet
268Kb / 10P
1A Low Dropout Fast Response Positive Adjustable Regulator
logo
National Semiconductor ...
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
1A Low Dropout Adjustable Regulator
logo
Silicon Standard Corp.
SS8117G SSC-SS8117G Datasheet
326Kb / 6P
1A Adjustable Low-Dropout Regulator
logo
Diodes Incorporated
AP1117 DIODES-AP1117_10 Datasheet
179Kb / 12P
1A LOW DROPOUT POSITIVE ADJUSTABLE
AP1117 Rev. 19
logo
Texas Instruments
LM2941QML TI1-LM2941QML_16 Datasheet
399Kb / 16P
1A Low Dropout Adjustable Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com