Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS355 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # 1SS355
Description  200mW Surface Mount High speed Switching Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1SS355 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  1SS355 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1SS355
200mW Surface Mount High speed Switching Diode
High Speed Switching Device (Trr < 4.0nS)
Flat Lead SOD-323 Small Outline Plastic Package
Surface Device Type Mounting
Moisture Sensitivity Level 1
Green EMC
Clip Bonding Construction, Good Thermal Capability
Maximum Ratings and Electrical Characteristics
Rating at 25℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Units
PD
mW
VRRM
V
VR
V
VBR
V
IF
mA
Io
mA
IFSM
mA
IR
nA
VF
V
Trr
nS
Cj
pF
TOPR
OC
TSTG
OC
4
SOD-323 Flat Lead
Value
200
RoHS Compliant & Matte Tin(Sn) Lead Finish
Polarity: Color band denotes cathode.
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-O rate flame retardant
Features
Repetitive Peak Reverse Voltage
Reverse Voltage
Forward Current
Maximum Junction capacitance at VR=0.5V,f=1MHz
Notes: These ratings are limiting values above which the serviceability of the diode may be impaired
Operating Temperature Range
Storage Temperature Range
-65 to +150
-65 to +150
Maximum Reverse Recovery Time
at IF = 10mA, VR=6V,RL=100Ohms
4
Green compound with suffix "G" on packing code
& prefix "G" on datecode.
Dimensions in inches and (millimeters
Lead: Pure tin plated, lead free, solderable per
MIL-STD-202, Method 208 guaranteed
High temperature soldering guaranteed: 260oC/10 seconds
/.375”,(9.5mm) lead lengths at 5 lbs., (2.3kg) tension
ELECTRICAL SYMBOL
Weight: 0.006 gram
Type Number
Power Dissipation
80
250
150
500
Marking code : S4
Maximum Reverse Leakage Current at VR=80V
100
Maximum Forward Voltage at IF = 100mA
1.2
Minimum Breakdown Voltage at IR = 100uA
80
Continue Forward Current
Repetitive Peak Forward Current
90
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
Page : 1 of 1
Version : A08


Similar Part No. - 1SS355

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS355 ROHM-1SS355 Datasheet
61Kb / 2P
Silicon Epitaxial Planar High-Speed Switching Diodes
1SS355 ROHM-1SS355 Datasheet
247Kb / 4P
Switching diode
logo
Weitron Technology
1SS355 WEITRON-1SS355 Datasheet
445Kb / 3P
Surface Mount Switching Diode
logo
Tak Cheong Electronics ...
1SS355 TAK_CHEONG-1SS355 Datasheet
197Kb / 5P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Speed Switching Diode
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
More results

Similar Description - 1SS355

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMBD4448WT MCC-MMBD4448WT Datasheet
439Kb / 4P
Surface Mount Switching Diode 200mW
MMBD4448WT MCC-MMBD4448WT_11 Datasheet
185Kb / 4P
Surface Mount Switching Diode 200mW
logo
Tak Cheong Electronics ...
1SS422 TAK_CHEONG-1SS422_11 Datasheet
185Kb / 5P
200mW SOD-523 SURFACE MOUNT High Speed Switching Diode
TC1SS400 TAK_CHEONG-TC1SS400_11 Datasheet
186Kb / 5P
200mW SOD-523 SURFACE MOUNT High Speed Switching Diode
TCBAS16 TAK_CHEONG-TCBAS16_11 Datasheet
185Kb / 5P
200mW SOD-523 SURFACE MOUNT High Speed Switching Diode
logo
Micro Commercial Compon...
1N4148WX MCC-1N4148WX_13 Datasheet
189Kb / 3P
High Speed Switching Diode 200mW
1N4148WX-TP MCC-1N4148WX-TP Datasheet
189Kb / 3P
High Speed Switching Diode 200mW
1N4148WX MCC-1N4148WX_16 Datasheet
295Kb / 3P
High Speed Switching Diode 200mW
1N4148WXL MCC-1N4148WXL Datasheet
295Kb / 3P
High Speed Switching Diode 200mW
MMBD4448WT MCC-MMBD4448WT_13 Datasheet
211Kb / 4P
Switching Diode 200mW Surface Mount
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com