Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLRH1102B Datasheet(PDF) 8 Page - Marktech Corporate

Part # TLRH1102B
Description  Panel Circuit Indicator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLRH1102B Datasheet(HTML) 8 Page - Marktech Corporate

Back Button TLRH1102B Datasheet HTML 4Page - Marktech Corporate TLRH1102B Datasheet HTML 5Page - Marktech Corporate TLRH1102B Datasheet HTML 6Page - Marktech Corporate TLRH1102B Datasheet HTML 7Page - Marktech Corporate TLRH1102B Datasheet HTML 8Page - Marktech Corporate TLRH1102B Datasheet HTML 9Page - Marktech Corporate TLRH1102B Datasheet HTML 10Page - Marktech Corporate TLRH1102B Datasheet HTML 11Page - Marktech Corporate TLRH1102B Datasheet HTML 12Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TL(RH,RMH,SH,OH,YH)1102B(T10)
2006-07-07
8
TLYH1102B
Ta = 25°C
Radiation pattern
Forward voltage VF
(V)
IF – VF
Forward current IF
(mA)
IV – IF
Case temperature Tc (°C)
IV – Tc
Wavelength
λ (nm)
IF = 20 mA
Ta
= 25°C
600
540
640
620
580
560
1.0
0.8
0.6
0.4
0.2
0
660
0.1
10
−25
75
5
3
1
0.3
0.5
0
100
25
50
30
°
0
°
60
°
90
°
90
°
30
°
60
°
1.0
0.8
0.6
0.4
0.2
0
80
°
70
°
50
°
40
°
20
°
10
°
70
°
80
°
50
°
40
°
20
°
10
°
1
1.6
1.8
2.0
2.2
2.4
10
100
30
3
1
30
3
100
5
10
Ta
= 25°C
50
2000
1000
300
500
100
50
Wavelength characteristic
(typ.)
(typ.)
(typ.)
(typ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com