Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLRH1102B Datasheet(PDF) 11 Page - Marktech Corporate

Part # TLRH1102B
Description  Panel Circuit Indicator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLRH1102B Datasheet(HTML) 11 Page - Marktech Corporate

Back Button TLRH1102B Datasheet HTML 5Page - Marktech Corporate TLRH1102B Datasheet HTML 6Page - Marktech Corporate TLRH1102B Datasheet HTML 7Page - Marktech Corporate TLRH1102B Datasheet HTML 8Page - Marktech Corporate TLRH1102B Datasheet HTML 9Page - Marktech Corporate TLRH1102B Datasheet HTML 10Page - Marktech Corporate TLRH1102B Datasheet HTML 11Page - Marktech Corporate TLRH1102B Datasheet HTML 12Page - Marktech Corporate TLRH1102B Datasheet HTML 13Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TL(RH,RMH,SH,OH,YH)1102B(T10)
2006-07-07
11
3.
Reel dimensions
Unit: mm
4.
Leader and trailer sections of tape
(Note 1)
Leading part: 190 mm (min)
40 mm or more
(Note 2)
40 mm or more
13.0
± 0.3
15.4
± 1.0
2
± 0.5
φ44
Note 1: Empty trailer section
Note 2: Empty leader section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com