Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1876 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 3Page - Maxim Integrated Products DS1876 Datasheet HTML 4Page - Maxim Integrated Products DS1876 Datasheet HTML 5Page - Maxim Integrated Products DS1876 Datasheet HTML 6Page - Maxim Integrated Products DS1876 Datasheet HTML 7Page - Maxim Integrated Products DS1876 Datasheet HTML 8Page - Maxim Integrated Products DS1876 Datasheet HTML 9Page - Maxim Integrated Products DS1876 Datasheet HTML 10Page - Maxim Integrated Products DS1876 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
_______________________________________________________________________________________ 7
SFP Controller with Dual LDD Interface
DIGITAL THERMOMETER CHARACTERISTICS
(VCC = +2.85V to +3.9V, TA = -40NC to +95NC, unless otherwise noted.)
AC ELECTRICAL CHARACTERISTICS
(VCC = +2.85V to +3.9V, TA = -40NC to +95NC, unless otherwise noted.)
QUICK-TRIP TIMING CHARACTERISTICS
(VCC = +2.85V to +3.9V, TA = -40NC to +95NC, unless otherwise noted.)
I2C AC ELECTRICAL CHARACTERISTICS
(VCC = +2.85V to +3.9V, TA = -40NC to +95NC, timing referenced to VIL(MAX) and VIH(MIN), unless otherwise noted. See the I2C
Communication section.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Thermometer Error
TERR
-40NC to +95NC
-3
+3
N
C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TXD_ Enable
tOFF
From
↑ TXD_
5
F
s
Recovery from TXD_ Disable
(Figure 2)
tON
From
↓ TXD_
1
ms
Fault Reset Time (to TXFOUT = 0)
tINITR1
From
↓ TXD_
131
ms
tINITR2
On power-up or
↓ TXD_, when VCC LO
alarm is detected (Note 5)
161
Fault Assert Time (to TXFOUT = 1)
tFAULT
After HTXP_, LTXP_, HBATH_
1.6
10.5
F
s
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output-Enable Time Following POA
tINIT
20
ms
Sample Time per Quick-Trip
Comparison
tREP
1.6
F
s
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
(Note 6)
0
400
kHz
Clock Pulse-Width Low
tLOW
1.3
F
s
Clock Pulse-Width High
tHIGH
0.6
F
s
Bus Free Time Between STOP and
START Condition
tBUF
1.3
F
s
START Hold Time
tHD:STA
0.6
F
s
START Setup Time
tSU:STA
0.6
F
s
Data Out Hold Time
tHD:DAT
0
0.9
F
s
Data In Setup Time
tSU:DAT
100
ns
Rise Time of Both SDA and SCL
Signals
tR
(Note 7)
20 +
0.1CB
300
ns
Fall Time of Both SDA and SCL
Signals
tF
(Note 7)
20 +
0.1CB
300
ns
STOP Setup Time
tSU:STO
0.6
F
s
Capacitive Load for Each Bus Line
CB
400
pF
EEPROM Write Time
tWR
(Note 8)
20
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com