Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1876 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1876 Datasheet HTML 1Page - Maxim Integrated Products DS1876 Datasheet HTML 2Page - Maxim Integrated Products DS1876 Datasheet HTML 3Page - Maxim Integrated Products DS1876 Datasheet HTML 4Page - Maxim Integrated Products DS1876 Datasheet HTML 5Page - Maxim Integrated Products DS1876 Datasheet HTML 6Page - Maxim Integrated Products DS1876 Datasheet HTML 7Page - Maxim Integrated Products DS1876 Datasheet HTML 8Page - Maxim Integrated Products DS1876 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
SFP Controller with Dual LDD Interface
19-5153; Rev 0; 2/10
General Description
The DS1876 controls and monitors all functions for
dual transmitter modules. The memory map is based
on SFF-8472. The DS1876 supports APC and modula-
tion control and eye safety functionality for two laser
drivers. It continually monitors for high output current,
high bias current, and low and high transmit power to
ensure that laser shutdown for eye safety requirements
are met without adding external components. Six ADC
channels monitor VCC, temperature, and four external
monitor inputs that can be used to meet all monitoring
requirements.
Applications
Dual Tx Video SFP Modules
Ordering Information
Features
S
Meets All SFF-8472 Transmitter Control and
Monitoring Requirements
S
Six Analog Monitor Channels: Temperature, VCC,
PMON1, BMON1, PMON2, BMON2
PMON_ and BMON_ Support Internal and
External Calibration
Scalable Dynamic Range
Internal Direct-to-Digital Temperature Sensor
Alarm and Warning Flags for All Monitored
Channels
S
Six Quick Trips for Fast Monitoring of Critical
Functions for Laser Safety
S
Four 10-Bit Delta-Sigma Outputs
Each Controlled by 72-Entry Temperature
Lookup Table (LUT)
S
Digital I/O Pins: Six Inputs, Five Outputs
S
Comprehensive Fault Measurement System with
Maskable Laser Shutdown Capability
S
Flexible, Two-Level Password Scheme Provides
Three Levels of Security
S
256 Additional Bytes Located at A0h Slave
Address
S
Transmitter 1 is Accessed at A2h Slave Address
S
Transmitter 2 is Accessed at B2h Slave Address
S
I2C-Compatible Interface
S
+2.85V to +3.9V Operating Voltage Range
S
-40NC to +95NC Operating Temperature Range
S
28-Pin TQFN (5mm x 5mm x 0.8mm) Package
+Denotes a lead(Pb)-free/RoHS-compliant package.
T&R = Tape and reel.
*EP = Exposed pad.
PART
TEMP RANGE
PIN-PACKAGE
DS1876T+
-40NC to +95NC
28 TQFN-EP*
DS1876T+T&R
-40NC to +95NC
28 TQFN-EP*


Similar Part No. - DS1876

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1876 MAXIM-DS1876 Datasheet
2Mb / 69P
SFP Controller with Dual LDD Interface
19-5153; Rev 0; 2/10
DS1876T+ MAXIM-DS1876T+ Datasheet
2Mb / 69P
SFP Controller with Dual LDD Interface
19-5153; Rev 0; 2/10
DS1876T+T&R MAXIM-DS1876T+T&R Datasheet
2Mb / 69P
SFP Controller with Dual LDD Interface
19-5153; Rev 0; 2/10
DS1876 MAXIM-DS1876_V01 Datasheet
2Mb / 69P
SFP Controller with Dual LDD Interface
19-5153; Rev 0; 2/10
More results

Similar Description - DS1876

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1874 MAXIM-DS1874 Datasheet
1Mb / 88P
SFP Controller with Digital LDD Interface
Rev 0; 6/09
DS1873 MAXIM-DS1873 Datasheet
1Mb / 85P
SFP Controller with Analog LDD Interface
Rev 0; 9/09
DS1877 MAXIM-DS1877 Datasheet
2Mb / 65P
SFP Controller for Dual Rx Interface
Rev 1; 4/10
DS1878 MAXIM-DS1878 Datasheet
1Mb / 101P
SFP Controller with Digital LDD Interface
Rev 1; 8/11
DS1886 MAXIM-DS1886 Datasheet
3Mb / 92P
SFP and PON ONU Controller with Digital LDD Interface
Rev 0; 3/12
DS1886_V1 MAXIM-DS1886_V1 Datasheet
3Mb / 92P
SFP and PON ONU Controller with Digital LDD Interface
Rev 1; 8/12
DS1886 MAXIM-DS1886_V01 Datasheet
3Mb / 92P
SFP and PON ONU Controller with Digital LDD Interface
19-6259; Rev 1; 8/12
DS1884 MAXIM-DS1884 Datasheet
2Mb / 92P
SFP and PON ONU Controller with Digital LDD Interface
19-5928; Rev 1; 7/11
DS1877 MAXIM-DS1877_V01 Datasheet
2Mb / 65P
SFP Controller for Dual Rx Interface
19-5188; Rev 1; 4/10
DS1876 MAXIM-DS1876_V01 Datasheet
2Mb / 69P
SFP Controller with Dual LDD Interface
19-5153; Rev 0; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com