Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1640C/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1640C/D
Description  Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1640C/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1640C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1640C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1640C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1640C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1640C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1640C/D Datasheet HTML 9Page - Maxim Integrated Products MAX1640C/D Datasheet HTML 10Page - Maxim Integrated Products MAX1640C/D Datasheet HTML 11Page - Maxim Integrated Products MAX1640C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Layout and Grounding
Due to high current levels and fast switching wave-
forms, proper PC board layout is essential. High-cur-
rent ground paths should be connected in a star
configuration to PGND. These traces should be wide to
reduce resistance and as short as possible to reduce
stray inductance. All low-current ground paths should
be connected to GND. Place the input bypass capaci-
tor as close as possible to IN. See the MAX1640 EV kit
for layout example.
Adjustable-Output, Switch-Mode
Current Source with Synchronous Rectifier
______________________________________________________________________________________
11
___________________Chip Information
PROCESS: BiCMOS
Package Information
(For the latest package outline information and land patterns,
go to www.maxim-ic.com/packages. Note that a "+", "#", or "-" in
the package code indicates RoHS status only. Package draw-
ings may show a different suffix character, but the drawing per-
tains to the package regardless of RoHS status.package
drawing(s) in this data sheet may not reflect the most current
specifications. For the latest package outline information, go to
www.maxim-ic.com/packages.)
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
16 QSOP
E16+1
21-0055



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com