Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1641C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1641C/D
Description  Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1641C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1641C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1641C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1641C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1641C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1641C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1641C/D Datasheet HTML 9Page - Maxim Integrated Products MAX1641C/D Datasheet HTML 10Page - Maxim Integrated Products MAX1641C/D Datasheet HTML 11Page - Maxim Integrated Products MAX1641C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Rectifier Diode
If an N-channel MOSFET synchronous rectifier is not
used, a Schottky rectifier is needed. The MAX1640/
MAX1641’s high switching frequency demands a high-
speed rectifier (Table 2). Schottky diodes such as the
1N5817–1N5822 are recommended. Make sure the
Schottky diode’s average current rating exceeds the
peak current limit and that its breakdown voltage
exceeds the output voltage (VOUT). For high-tempera-
ture applications, Schottky diodes may be inadequate
due to their high leakage current; high-speed silicon
diodes such as the MUR105 or EC11FS1 can be used
instead. At heavy loads and high temperatures, the
benefits of a Schottky diode’s low forward voltage may
outweigh the disadvantage of high leakage current. If
the application uses an N-channel MOSFET synchro-
nous rectifier, a parallel Schottky diode is usually
unnecessary except with very high charge current (> 3
amps). Best efficiency is achieved with both an
N-channel MOSFET and a Schottky diode.
Inductor Value
Refer to the section Programming the Off-Time to select
the proper inductor value. There is a trade-off between
inductor value, off-time, output current ripple, and
switching frequency.
__________Applications Information
All-Purpose Microcontroller Battery
Charger: NiCd, NiMH
In applications where a microcontroller is available, the
MAX1640/MAX1641 can be used as a low-cost battery
charger (Figure 4). The controller takes over fast
charge, pulse-trickle charge, charge termination, and
other smart functions. By monitoring the output voltage
at VOUT, the controller initiates fast charge (set D0 and
D1 high), terminates fast charge and initiates top-off
(set D0 high and D1 low), enters trickle charge (set D0
low and D1 high), or shuts off and terminates current
flow (set D0 and D1 low).
Adjustable-Output, Switch-Mode
Current Source with Synchronous Rectifier
10
______________________________________________________________________________________
P
N
D1
D0
T
I/0
I/0
CH1
CH0
PDRV
NDRV
PGND
CS+
CS-
R3
R4
TERM
GND
LOW-SIDE IS SHORTED
DC IN
RSENSE
MAX1640
BATT
Figure 4. Microcontroller Battery Charger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com