Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L3G4200DTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # L3G4200DTR
Description  MEMS motion sensor: three-axis digital output gyroscope
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G4200DTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L3G4200DTR Datasheet HTML 9Page - STMicroelectronics L3G4200DTR Datasheet HTML 10Page - STMicroelectronics L3G4200DTR Datasheet HTML 11Page - STMicroelectronics L3G4200DTR Datasheet HTML 12Page - STMicroelectronics L3G4200DTR Datasheet HTML 13Page - STMicroelectronics L3G4200DTR Datasheet HTML 14Page - STMicroelectronics L3G4200DTR Datasheet HTML 15Page - STMicroelectronics L3G4200DTR Datasheet HTML 16Page - STMicroelectronics L3G4200DTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
L3G4200D
Absolute maximum ratings
Doc ID 17116 Rev 1
13/24
3.1
Terminology
3.1.1
Sensitivity
An angular rate gyroscope is device that produces a positive-going digital output for
counterclockwise rotation around the sensible axis considered. Sensitivity describes the
gain of the sensor and can be determined by applying a defined angular velocity to it. This
value changes very little over temperature and time.
3.1.2
Zero-rate level
Zero-rate level describes the actual output signal if there is no angular rate present. Zero-
rate level of precise MEMS sensors is, to some extent, a result of stress to the sensor and
therefore zero-rate level can slightly change after mounting the sensor onto a printed circuit
board or after exposing it to extensive mechanical stress. This value changes very little over
temperature and time.
3.1.3
Self-test
Self-test allows to test the mechanical and electric part of the sensor, allowing the seismic
mass to be moved by means of an electrostatic test-force. When the ST is activated by IC,
an actuation force is applied to the sensor, emulating a definite Coriolis force. In this case
the sensor output will exhibit an output change.
3.2
Soldering information
The LGA package is compliant with the ECOPACK®, RoHS and “Green” standard.
It is qualified for soldering heat resistance according to JEDEC J-STD-020.
Leave “Pin 1 Indicator” unconnected during soldering.
Land pattern and soldering recommendations are available at www.st.com/mems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com