Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L3G4200DTR Datasheet(PDF) 19 Page - STMicroelectronics

Part # L3G4200DTR
Description  MEMS motion sensor: three-axis digital output gyroscope
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G4200DTR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L3G4200DTR Datasheet HTML 15Page - STMicroelectronics L3G4200DTR Datasheet HTML 16Page - STMicroelectronics L3G4200DTR Datasheet HTML 17Page - STMicroelectronics L3G4200DTR Datasheet HTML 18Page - STMicroelectronics L3G4200DTR Datasheet HTML 19Page - STMicroelectronics L3G4200DTR Datasheet HTML 20Page - STMicroelectronics L3G4200DTR Datasheet HTML 21Page - STMicroelectronics L3G4200DTR Datasheet HTML 22Page - STMicroelectronics L3G4200DTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
L3G4200D
Digital interfaces
Doc ID 17116 Rev 1
19/24
5.2.1
SPI read
Figure 8.
SPI read protocol
The SPI Read command is performed with 16 clock pulses. Multiple byte read command is
performed adding blocks of 8 clock pulses at the previous one.
bit 0: READ bit. The value is 1.
bit 1: MS bit. When 0 do not increment address, when 1 increment address in multiple
reading.
bit 2-7: address AD(5:0). This is the address field of the indexed register.
bit 8-15: data DO(7:0) (read mode). This is the data that will be read from the device (MSb
first).
bit 16-... : data DO(...-8). Further data in multiple byte reading.
Figure 9.
Multiple bytes SPI read protocol (2 bytes example)
5.2.2
SPI write
Figure 10.
SPI write protocol
CS
SPC
SDI
SDO
RW
DO7 DO6 DO5 DO4 DO3 DO2 DO1 DO0
AD5 AD4 AD3 AD2 AD1 AD0
MS
CS
SPC
SDI
SDO
RW
DO7DO6 DO5DO4 DO3DO2 DO1DO0
AD5 AD4 AD3 AD2 AD1 AD0
DO15DO14DO13DO12DO11DO10DO9 DO8
MS
CS
SPC
SDI
RW
DI7
DI6
DI5
DI4
DI3
DI2
DI1
DI0
AD5 AD4 AD3 AD2 AD1 AD0
MS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com