Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3633EUFDPBF Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3633EUFDPBF
Description  Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3633EUFDPBF Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3633EUFDPBF Datasheet HTML 9Page - Linear Technology LTC3633EUFDPBF Datasheet HTML 10Page - Linear Technology LTC3633EUFDPBF Datasheet HTML 11Page - Linear Technology LTC3633EUFDPBF Datasheet HTML 12Page - Linear Technology LTC3633EUFDPBF Datasheet HTML 13Page - Linear Technology LTC3633EUFDPBF Datasheet HTML 14Page - Linear Technology LTC3633EUFDPBF Datasheet HTML 15Page - Linear Technology LTC3633EUFDPBF Datasheet HTML 16Page - Linear Technology LTC3633EUFDPBF Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC3633
13
3633f
APPLICATIONS INFORMATION
Ferrite designs exhibit very low core loss and are pre-
ferred at high switching frequencies, so design goals
can concentrate on copper loss and preventing satura-
tion. Ferrite core material saturates “hard”, which means
that inductance collapses abruptly when the peak design
current is exceeded. This results in an abrupt increase in
inductor ripple current, so it is important to ensure that
the core will not saturate.
Different core materials and shapes will change the size/cur-
rent and price/current relationship of an inductor. Toroid
or shielded pot cores in ferrite or permalloy materials are
small and don’t radiate much energy, but generally cost
more than powdered iron core inductors with similar
characteristics. The choice of which style inductor to use
mainly depends on the price versus size requirements
and any radiated field/EMI requirements. Table 1 gives a
sampling of available surface mount inductors.
Table 1. Inductor Selection Table
INDUCTANCE
(μH)
DCR
(mΩ)
MAX
CURRENT
(A)
DIMENSIONS
(mm)
HEIGHT
(mm)
Würth Electronik WE-HC 744312 Series
0.25
0.47
0.72
1.0
1.5
2.5
3.4
7.5
9.5
10.5
18
16
12
11
9
7 × 7.7
3.8
Vishay IHLP-2020BZ-01 Series
0.22
0.33
0.47
0.68
1
5.2
8.2
8.8
12.4
20
15
12
11.5
10
7
5.2 × 5.5
2
Toko FDV0620 Series
0.20
0.47
1.0
4.5
8.3
18.3
12.4
9.0
5.7
7 × 7.7
2.0
Coilcraft D01813H Series
0.33
0.56
1.2
4
10
17
10
7.7
5.3
6 × 8.9
5.0
TDK RLF7030 Series
1.0
1.5
8.8
9.6
6.4
6.1
6.9 × 7.3
3.2
CIN and COUT Selection
The input capacitance, CIN, is needed to filter the trapezoi-
dal wave current at the drain of the top power MOSFET.
To prevent large voltage transients from occurring, a low
ESR input capacitor sized for the maximum RMS current is
recommended. The maximum RMS current is given by:
II
VV
V
V
RMS
OUT MAX
OUT
IN
OUT
IN
=
−
()
()
This formula has a maximum at VIN = 2VOUT, where
IRMS ≅ IOUT/2. This simple worst case condition is com-
monly used for design because even significant deviations
do not offer much relief. Note that ripple current ratings
from capacitor manufacturers are often based on only
2000 hours of life which makes it advisable to further de-
rate the capacitor, or choose a capacitor rated at a higher
temperature than required.
Several capacitors may also be paralleled to meet size or
height requirements in the design. For low input voltage
applications, sufficient bulk input capacitance is needed
to minimize transient effects during output load changes.
Even though the LTC3633 design includes an overvoltage
protection circuit, care must always be taken to ensure
input voltage transients do not pose an overvoltage hazard
to the part.
The selection of COUT is determined by the effective series
resistance (ESR) that is required to minimize voltage ripple
and load step transients as well as the amount of bulk
capacitance that is necessary to ensure that the control
loop is stable. Loop stability can be checked by viewing
the load transient response. The output ripple, ΔVOUT, is
approximated by:
VOUT < IL ESR+
1
8• f • COUT
When using low-ESR ceramic capacitors, it is more useful
to choose the output capacitor value to fulfill a charge stor-
age requirement. During a load step, the output capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com