Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3633EUFDPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3633EUFDPBF
Description  Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3633EUFDPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC3633EUFDPBF Datasheet HTML 1Page - Linear Technology LTC3633EUFDPBF Datasheet HTML 2Page - Linear Technology LTC3633EUFDPBF Datasheet HTML 3Page - Linear Technology LTC3633EUFDPBF Datasheet HTML 4Page - Linear Technology LTC3633EUFDPBF Datasheet HTML 5Page - Linear Technology LTC3633EUFDPBF Datasheet HTML 6Page - Linear Technology LTC3633EUFDPBF Datasheet HTML 7Page - Linear Technology LTC3633EUFDPBF Datasheet HTML 8Page - Linear Technology LTC3633EUFDPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC3633
4
3633f
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Guaranteed by long term current density limitations.
Note 3: The LTC3633E is guaranteed to meet specified performance from
0°C to 85°C. Specifications over the –40°C to 125°C operating junction
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTC3633I is guaranteed to meet
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VMODE/SYNC
MODE/SYNC Threshold Voltage
MODE VIH
MODE VIL
1
0.4
V
V
SYNC Threshold Voltage
SYNC VIH
0.95
V
IMODE
MODE/SYNC Input Current
MODE = 0V
MODE = INTVCC
1.5
–1.5
μA
μA
The
l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TJ = 25°C. VIN = 12V, INTVCC = 3.3V, unless otherwise noted.
specifications over the full –40°C to 125°C operating junction
temperature range
Note 4: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 5: Dynamic supply current is higher due to the internal gate charge
being delivered at the switching frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com