Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6802-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6802-1
Description  Multicell Battery Stack Monitor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6802-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC6802-1 Datasheet HTML 1Page - Linear Technology LTC6802-1 Datasheet HTML 2Page - Linear Technology LTC6802-1 Datasheet HTML 3Page - Linear Technology LTC6802-1 Datasheet HTML 4Page - Linear Technology LTC6802-1 Datasheet HTML 5Page - Linear Technology LTC6802-1 Datasheet HTML 6Page - Linear Technology LTC6802-1 Datasheet HTML 7Page - Linear Technology LTC6802-1 Datasheet HTML 8Page - Linear Technology LTC6802-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
LTC6802-1
2
68021fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V).................................60V
Input Voltage (Relative to V)
C1 ............................................................ –0.3V to 9V
C12 .......................................... V+ – 0.6V to V+ + 0.3V
Cn (Note 5) ......................... –0.3V to min (9 • n, 60V)
Sn (Note 5) ......................... –0.3V to min (9 • n, 60V)
CSBO, SCKO, SDOI .................. V+ – 0.6V to V+ + 0.3V
All other pins ........................................... –0.3V to 7V
Voltage Between Inputs
Cn to Cn-1................................................ –0.3V to 9V
Sn to Cn-1................................................ –0.3V to 9V
C12 to C8 ............................................... –0.3V to 25V
C8 to C4................................................. –0.3V to 25V
C4 to V................................................. –0.3V to 25V
Operating Temperature Range .................–40°C to 85°C
Specified Temperature Range ..................–40°C to 85°C
Junction Temperature ........................................... 150°C
Storage Temperature Range .................. –65°C to 150°C
*n = 1 to 12
(Note 1)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
TOP VIEW
G PACKAGE
44-LEAD PLASTIC SSOP
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
CSBO
SDOI
SCKO
V+
C12
S12
C11
S11
C10
S10
C9
S9
C8
S8
C7
S7
C6
S6
C5
S5
C4
S4
CSBI
SDO
SDI
SCKI
VMODE
GPIO2
GPIO1
WDTB
MMB
TOS
VREG
VREF
VTEMP2
VTEMP1
NC
V
S1
C1
S2
C2
S3
C3
TJMAX = 150°C, θJA = 70°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC6802IG-1#PBF
LTC6802IG-1#TRPBF
LTC6802G-1
44-Lead Plastic SSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com