Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6802-1 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC6802-1
Description  Multicell Battery Stack Monitor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6802-1 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC6802-1 Datasheet HTML 17Page - Linear Technology LTC6802-1 Datasheet HTML 18Page - Linear Technology LTC6802-1 Datasheet HTML 19Page - Linear Technology LTC6802-1 Datasheet HTML 20Page - Linear Technology LTC6802-1 Datasheet HTML 21Page - Linear Technology LTC6802-1 Datasheet HTML 22Page - Linear Technology LTC6802-1 Datasheet HTML 23Page - Linear Technology LTC6802-1 Datasheet HTML 24Page - Linear Technology LTC6802-1 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
LTC6802-1
21
68021fa
APPLICATIONS INFORMATION
Network Layer
Broadcast Commands: A broadcast command is one to
which all devices on the bus will respond. See the Bus
Protocols and Commands sections.
In daisy chained configurations, all devices in the chain
receive the command bytes simultaneously. For example,
to initiate A/D conversions in a stack of devices, a single
STCVAD command byte is sent, and all devices will start
conversions at the same time. For read and write com-
mands, a single command byte is sent, and then the stacked
devices effectively turn into a cascaded shift register, in
which data is shifted through each device to the next higher
(on a write) or the next lower (on a read) device in the
stack. See the Serial Command Examples section.
PEC Byte: The Packet Error Code (PEC) byte is a CRC
value calculated for all of the bits in a register group in
the order they are read, using the following characteristic
polynomial:
x8 + x2 + x + 1
On a read command, after sending the last byte of a register
group, the device will shift out the calculated PEC, MSB
first. For daisy-chained devices, after the PEC is read from
the first device, the data from any daisy-chained devices
will follow in the same order. For example, when read-
ing the flag registers from two stacked devices (bottom
device A and top device B), the data will be output in the
following order:
FLGR0(A), FLGR1(A), FLGR2(A), PEC(A), FLGR0(B),
FLGR1(B), FLGR2(B), PEC(B)
Toggle Polling: Toggle polling allows a robust determina-
tion both of device states and of the integrity of the con-
nections between the devices in a stack. Toggle polling
is enabled when the LVLPL bit is low. After entering a
polling command, the data out line will be driven by the
slave devices based on their status. When polling for the
A/D converter status, data out will be low when any device
is busy performing an A/D conversion and will toggle at
1kHz when no device is busy. Similarly, when polling for
interrupt status, the output will be low when any device
has an interrupt condition and will toggle at 1kHz when
none has an interrupt condition.
Toggle Polling—Daisy-Chained Broadcast Polling: The
SDO pin (bottom device) or SDI pin (stacked devices) will
be low if a device is busy/in interrupt. If it is not busy/not
in interrupt, the device will pass the signal from the SDOI
input to data out (if not the top-of-stack device) or toggle
the data out line at 1kHz (if the top-of-stack device).
The master pulls CSBI high to exit polling.
Level polling: Level polling is enabled when the LVLPL
bit is high. After entering a polling command, the data
out line will be driven by the slave devices based on their
status. When polling for the A/D converter status, data
Figure 10. Transmission Format (Poll)
CSBI
SCKI
SDI
SDO
POLL STATE
MSB (CMD)
BIT6 (CMD)
LSB (CMD)
68021 F10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com