Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6248 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC6248
Description  180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6248 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC6248 Datasheet HTML 9Page - Linear Technology LTC6248 Datasheet HTML 10Page - Linear Technology LTC6248 Datasheet HTML 11Page - Linear Technology LTC6248 Datasheet HTML 12Page - Linear Technology LTC6248 Datasheet HTML 13Page - Linear Technology LTC6248 Datasheet HTML 14Page - Linear Technology LTC6248 Datasheet HTML 15Page - Linear Technology LTC6248 Datasheet HTML 16Page - Linear Technology LTC6248 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC6246/LTC6247/LTC6248

624678fa
applicaTions inForMaTion
Circuit Description
The LTC6246/LTC6247/LTC6248 have an input and output
signal range that extends from the negative power supply
to the positive power supply. Figure 1 depicts a simplified
schematic of the amplifier. The input stage is comprised
of two differential amplifiers, a PNP stage, Q1/Q2, and an
NPN stage, Q3/Q4 that are active over different common
mode input voltages. The PNP stage is active between
the negative supply to nominally 1.2V below the positive
supply. As the input voltage approaches the positive sup-
ply, the transistor Q5 will steer the tail current, I1, to the
current mirror, Q6/Q7, activating the NPN differential pair
and the PNP pair becomes inactive for the remaining input
commonmoderange.Also,attheinputstage,devicesQ17
to Q19 act to cancel the bias current of the PNP input pair.
When Q1/Q2 are active, the current in Q16 is controlled to
be the same as the current in Q1 and Q2. Thus, the base
current of Q16 is nominally equal to the base current of
the input devices. The base current of Q16 is then mirrored
by devices Q17 to Q19 to cancel the base current of the
input devices Q1/Q2. A pair of complementary common
emitter stages, Q14/Q15, enable the output to swing from
rail-to-rail.
Figure 1. LTC6246/LTC6247/LTC6248 Simplified Schematic Diagram
–IN: Inverting Input of Amplifier. Valid input range from V–
to V+.
+IN: Non-Inverting Input of Amplifier. Valid input range
from V– to V+.
V+ : Positive Supply Voltage. Allowed applied voltage
ranges from 2.5V to 5.25V when V– = 0V.
V–:NegativeSupplyVoltage.Typically0V.Thiscanbemade
a negative voltage as long as 2.5V ≤ (V+ – V–) ≤ 5.25V.
SHDN: Active Low Shutdown. Threshold is typically 1.1V
referenced to V–. Floating this pin will turn the part on.
OUT: Amplifier Output. Swings rail-to-rail and can typically
source/sink over 50mA of current at a total supply of 5V.
pin FuncTions
624678 F01
Q15
ESDD5
Q14
C2
C1
BUFFER
AND
OUTPUT BIAS
R5
R4
Q13
Q12
I3
V–
+
CC
Q8
R3
Q11
Q9
Q10
R2
R1
Q2
Q1
Q3
Q4
I1
+
I2
+
VBIAS
Q5
Q6
Q19
Q7
D8
D7
Q18
Q17
D6
D5
ESDD2
V–
ESDD1
V+
ESDD4
V–
ESDD3
V+
Q16
V–
V+
+IN
–IN
ESDD6
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com