Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6248 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6248
Description  180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6248 Datasheet(HTML) 2 Page - Linear Technology

  LTC6248 Datasheet HTML 1Page - Linear Technology LTC6248 Datasheet HTML 2Page - Linear Technology LTC6248 Datasheet HTML 3Page - Linear Technology LTC6248 Datasheet HTML 4Page - Linear Technology LTC6248 Datasheet HTML 5Page - Linear Technology LTC6248 Datasheet HTML 6Page - Linear Technology LTC6248 Datasheet HTML 7Page - Linear Technology LTC6248 Datasheet HTML 8Page - Linear Technology LTC6248 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC6246/LTC6247/LTC6248

624678fa
absoluTe MaxiMuM raTings
pin conFiguraTion
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC6246CS6#TRMPBF
LTC6246CS6#TRPBF
LTDWF
6-Lead Plastic TSOT-23
0°C to 70°C
LTC6246IS6#TRMPBF
LTC6246IS6#TRPBF
LTDWF
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC6246HS6#TRMPBF
LTC6246HS6#TRPBF
LTDWF
6-Lead Plastic TSOT-23
–40°C to 125°C
LTC6247CKC#TRMPBF
LTC6247CKC#TRPBF
DWJT
8-Lead (2mm
× 2mm) UTDFN
0°C to 70°C
LTC6247IKC#TRMPBF
LTC6247IKC#TRPBF
DWJT
8-Lead (2mm
× 2mm) UTDFN
–40°C to 85°C
LTC6247CMS8#PBF
LTC6247CMS8#TRPBF
LTDWH
8-Lead Plastic MSOP
0°C to 70°C
LTC6247IMS8#PBF
LTC6247IMS8#TRPBF
LTDWH
8-Lead Plastic MSOP
–40°C to 85°C
LTC6247CTS8#TRMPBF
LTC6247CTS8#TRPBF
LTDWK
8-Lead Plastic TSOT-23
0°C to 70°C
LTC6247ITS8#TRMPBF
LTC6247ITS8#TRPBF
LTDWK
8-Lead Plastic TSOT-23
–40°C to 85°C
LTC6247HTS8#TRMPBF
LTC6247HTS8#TRPBF
LTDWK
8-Lead Plastic TSOT-23
–40°C to 125°C
Total Supply Voltage (V+ to V–)................................5.5V
Input Current (+IN, –IN, SHDN) (Note 2)..............±10mA
Output Current (Note 3) .....................................±100mA
Operating Temperature Range (Note 4) . –40°C to 125°C
Specified Temperature Range (Note 5) .. –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Junction Temperature ........................................... 150°C
Lead Temperature (Soldering, 10 sec)
(MSOP, TSOT Packages Only)...............................300°C
TOP VIEW
9
KC PACKAGE
8-LEAD PLASTIC UTDFN (2mm 2mm)
5
6
7
8
4
3
2
1
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
TJMAX = 125°C, θJA = 102°C/W (NOTE 9)
EXPOSED PAD (PIN 9) IS V–, MUST BE SOLDERED TO PCB
1
2
3
4
OUT A
–IN A
+IN A
V–
8
7
6
5
V+
OUT B
–IN B
+IN B
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 163°C/W (NOTE 9)
1
2
3
4
5
OUT A
–IN A
+IN A
V–
SHDNA
10
9
8
7
6
V+
OUT B
–IN B
+IN B
SHDNB
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 160°C/W (NOTE 9)
1
2
3
4
5
6
7
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
16
15
14
13
12
11
10
9
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
TOP VIEW
MS PACKAGE
16-LEAD PLASTIC MSOP
+
–
+
–
TJMAX = 150°C, θJA = 125°C/W (NOTE 9)
OUT 1
V– 2
+IN 3
6 V+
5 SHDN
4 –IN
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
+ –
TJMAX = 150°C, θJA = 192°C/W (NOTE 9)
OUT A 1
–IN A 2
+IN A 3
V– 4
8 V+
7 OUT B
6 –IN B
5 +IN B
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
TJMAX = 150°C, θJA = 195°C/W (NOTE 9)
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com