Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6207IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LT6207IGN
Description  Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6207IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LT6207IGN Datasheet HTML 7Page - Linear Technology LT6207IGN Datasheet HTML 8Page - Linear Technology LT6207IGN Datasheet HTML 9Page - Linear Technology LT6207IGN Datasheet HTML 10Page - Linear Technology LT6207IGN Datasheet HTML 11Page - Linear Technology LT6207IGN Datasheet HTML 12Page - Linear Technology LT6207IGN Datasheet HTML 13Page - Linear Technology LT6207IGN Datasheet HTML 14Page - Linear Technology LT6207IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LT6205/LT6206/LT6207
11
620567fc
TYPICAL PERFORMANCE CHARACTERISTICS
Large Signal Response VS = ±5V
Small Signal Response VS = ±5V
Output-Overdrive Recovery
50ns/DIV
620567 G37
0V
VS = ±5V
AV = 1
RL = 150Ω
50ns/DIV
620567 G38
0V
VS = ±5V
AV = 1
RL = 150Ω
100ns/DIV
620567 G39
0V
0V
VS = 5V, 0V
AV = 2
APPLICATIONS INFORMATION
Figure 1. Simplified Schematic
Q7
Q9
Q10
Q11
Q12
Q8
Q5
Q6
Q3
Q13
Q14
Q4
Q2
Q1
D3
D4
D1
D2
RIN
150Ω
RIN
150Ω
DESD1
DESD2
DESD5
DESD6
DESD3
DESD4
+IN
–IN
I1
I2
I3
R2
R1
R3
I4
R4
R5
COMPLEMENTARY
DRIVE
GENERATOR
CM
V+
V
V+
V
V+
V
V+
V
OUT
620567 F01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com