Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6207IGN Datasheet(PDF) 3 Page - Linear Technology

Part # LT6207IGN
Description  Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6207IGN Datasheet(HTML) 3 Page - Linear Technology

  LT6207IGN Datasheet HTML 1Page - Linear Technology LT6207IGN Datasheet HTML 2Page - Linear Technology LT6207IGN Datasheet HTML 3Page - Linear Technology LT6207IGN Datasheet HTML 4Page - Linear Technology LT6207IGN Datasheet HTML 5Page - Linear Technology LT6207IGN Datasheet HTML 6Page - Linear Technology LT6207IGN Datasheet HTML 7Page - Linear Technology LT6207IGN Datasheet HTML 8Page - Linear Technology LT6207IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LT6205/LT6206/LT6207
3
620567fc
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
LT6205C/LT6206C/LT6207C
LT6205I/LT6206I/LT6207I
UNITS
MIN
TYP
MAX
VOS
Input Offset Voltage
l
1
3.5
5
mV
mV
Input Offset Voltage Match
(Channel-to-Channel) (Note 5)
l
13
4
mV
mV
Input Offset Voltage Drift (Note 6)
l
7
15
μV/°C
IB
Input Bias Current
l
10
30
μA
IOS
Input Offset Current
l
0.6
3
μA
Input Noise Voltage
0.1Hz to 10Hz
2
μVP-P
en
Input Noise Voltage Density
f = 10kHz
9
nV/√Hz
in
Input Noise Current Density
f = 10kHz
4
pA/√Hz
Input Resistance
VCM = 0V to V+ – 2V
1
Input Capacitance
2pF
CMRR
Common Mode Rejection Ratio
VCM = 0V to V+ – 2V
l
78
90
dB
Input Voltage Range
l
0V+ – 2
V
PSRR
Power Supply Rejection Ratio
VS = 3V to 12V
VCM = VOUT = 0.5V
l
67
75
dB
Minimum Supply Voltage
VCM = 0.5V
l
2.7
V
AVOL
Large-Signal Voltage Gain
VS = 5V, VO = 0.5V to 4.5V, RL = 1k
VS = 5V, VO = 1V to 3V, RL = 150Ω
VS = 3V, VO = 0.5V to 2.5V, RL = 1k
l
l
l
30
5
20
100
20
60
V/mV
V/mV
V/mV
VOL
Output Voltage Swing Low (Note 7) No Load, Input Overdrive = 30mV
ISINK = 5mA
VS = 5V, ISINK = 25mA
VS = 3V, ISINK = 15mA
l
l
l
l
10
75
300
200
25
150
500
350
mV
mV
mV
mV
VOH
Output Voltage Swing High (Note 7) No Load, Input Overdrive = 30mV
ISOURCE = 5mA
VS = 5V, ISOURCE = 25mA
VS = 3V, ISOURCE = 15mA
l
l
l
l
60
150
650
300
100
250
1200
500
mV
mV
mV
mV
ISC
Short-Circuit Current
VS = 5V, Output Shorted to GND
l
35
20
60
mA
mA
VS = 3V, Output Shorted to GND
l
30
20
50
mA
mA
IS
Supply Current per Amplifier
l
3.75
5
5.75
mA
mA
GBW
Gain Bandwidth Product
f = 2MHz
l
65
100
MHz
SR
Slew Rate
VS = 5V, AV = 2, RF = RG = 1k
VO = 1V to 4V, Measured from 1.5V to 3.5V
450
V/μs
Channel Separation
f = 10MHz
90
dB
FPBW
Full Power Bandwidth
VOUT = 2VP-P (Note 8)
71
MHz
ts
Settling Time to 3%
Settling Time to 1%
VS = 5V, ΔVOUT = 2V, AV = –1, RL = 150Ω
15
25
ns
ns
Differential Gain
Differential Phase
VS = 5V, AV = 2, RL = 150Ω, Output Black Level = 1V
VS = 5V, AV = 2, RL = 150Ω, Output Black Level = 1V
0.05
0.08
%
Deg
The
l denotes specifications which apply over the specified temperature
range, otherwise specifications are at TA = 25°C. VS = 3V, 0V; VS = 5V, 0V; VCM = VOUT = 1V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com