Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8323CVRADDCA Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MPC8323CVRADDCA
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323CVRADDCA Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC8323CVRADDCA Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8323CVRADDCA Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8323CVRADDCA Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8323CVRADDCA Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8323CVRADDCA Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8323CVRADDCA Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8323CVRADDCA Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8323CVRADDCA Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8323CVRADDCA Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
39
IPIC
Figure 29 provides the AC test load for the GPIO.
Figure 29. GPIO AC Test Load
15 IPIC
This section describes the DC and AC electrical specifications for the external interrupt pins of the
MPC8323E.
15.1
IPIC DC Electrical Characteristics
Table 42 provides the DC electrical characteristics for the external interrupt pins of the MPC8323E.
15.2
IPIC AC Timing Specifications
Table 43 provides the IPIC input and output AC timing specifications.
Table 42. IPIC DC Electrical Characteristics1,2
Characteristic
Symbol
Condition
Min
Max
Unit
Input high voltage
VIH
—2.0
OVDD +0.3
V
Input low voltage
VIL
—
–0.3
0.8
V
Input current
IIN
——
±5
μA
Output low voltage
VOL
IOL = 6.0 mA
—
0.5
V
Output low voltage
VOL
IOL = 3.2 mA
—
0.4
V
Notes:
1. This table applies for pins IRQ[0:7], IRQ_OUT, MCP_OUT, and CE ports Interrupts.
2. IRQ_OUT and MCP_OUT are open drain pins, thus VOH is not relevant for those pins.
Table 43. IPIC Input AC Timing Specifications1
Characteristic
Symbol2
Min
Unit
IPIC inputs—minimum pulse width
tPIWID
20
ns
Notes:
1. Input specifications are measured from the 50% level of the signal to the 50% level of the rising edge of CLKIN. Timings are
measured at the pin.
2. IPIC inputs and outputs are asynchronous to any visible clock. IPIC outputs should be synchronized before use by any
external synchronous logic. IPIC inputs are required to be valid for at least tPIWID ns to ensure proper operation when working
in edge triggered mode.
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com