Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6200CS6 Datasheet(PDF) 22 Page - Linear Technology

Part # LT6200CS6
Description  165MHz, Rail-to-Rail Input and Output, 0.95nV/?숰z Low Noise, Op Amp Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6200CS6 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT6200CS6 Datasheet HTML 18Page - Linear Technology LT6200CS6 Datasheet HTML 19Page - Linear Technology LT6200CS6 Datasheet HTML 20Page - Linear Technology LT6200CS6 Datasheet HTML 21Page - Linear Technology LT6200CS6 Datasheet HTML 22Page - Linear Technology LT6200CS6 Datasheet HTML 23Page - Linear Technology LT6200CS6 Datasheet HTML 24Page - Linear Technology LT6200CS6 Datasheet HTML 25Page - Linear Technology LT6200CS6 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
LT6200/LT6200-5
LT6200-10/LT6201
22
62001fd
APPLICATIONS INFORMATION
200°C/W, θJA. Operating on ± 5V supplies driving 50Ω
loads, the worst-case power dissipation is given by:
PD(MAX) = (10 • 23mA) + (2.5)2/50
= 0.23 + 0.125 = 0.355W
The maximum ambient temperature that the part is
allowed to operate is:
TA = TJ – (PD(MAX) • 200°C/W)
= 150°C – (0.355W • 200°C/W) = 79°C
To operate the device at a higher ambient temperature,
connect more metal area to the V – pin to reduce the thermal
resistance of the package, as indicated in Table 1.
DD Package Heat Sinking
The underside of the DD package has exposed metal
(4mm2) from the lead frame where the die is attached.
This provides for the direct transfer of heat from the die
junction to printed circuit board metal to help control the
maximum operating junction temperature. The dual-in-line
pin arrangement allows for extended metal beyond the
ends of the package on the topside (component side) of
a PCB. Table 2 summarizes the thermal resistance from
the die junction-to-ambient that can be obtained using
various amounts of topside metal (2oz copper) area. On
multilayer boards, further reductions can be obtained using
additional metal on inner PCB layers connected through
vias beneath the package.
Table 2. LT6200 8-Lead DD Package
COPPER AREA
TOPSIDE (mm2)
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
4
160ºC/W
16
135ºC/W
32
110ºC/W
64
95ºC/W
130
70ºC/W
The LT6200 amplifier family has thermal shutdown to
protect the part from excessive junction temperature.
The amplifier will shut down to approximately 1.2mA
supply current per amplifier if the maximum temperature
is exceeded. The LT6200 will remain off until the junction
temperature reduces to about 135°C, at which point the
amplifier will return to normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com