Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6200CS6 Datasheet(PDF) 5 Page - Linear Technology

Part # LT6200CS6
Description  165MHz, Rail-to-Rail Input and Output, 0.95nV/?숰z Low Noise, Op Amp Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6200CS6 Datasheet(HTML) 5 Page - Linear Technology

  LT6200CS6 Datasheet HTML 1Page - Linear Technology LT6200CS6 Datasheet HTML 2Page - Linear Technology LT6200CS6 Datasheet HTML 3Page - Linear Technology LT6200CS6 Datasheet HTML 4Page - Linear Technology LT6200CS6 Datasheet HTML 5Page - Linear Technology LT6200CS6 Datasheet HTML 6Page - Linear Technology LT6200CS6 Datasheet HTML 7Page - Linear Technology LT6200CS6 Datasheet HTML 8Page - Linear Technology LT6200CS6 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
62001fd
LT6200/LT6200-5
LT6200-10/LT6201
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over 0°C < T
A < 70°C
temperature range. VS = 5V, 0V; VS = 3V, 0V; VCM = VOUT = half supply, VSHDN = OPEN, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AVOL
Large-Signal Gain
VS = 5V, VO = 0.5V to 4.5V,RL = 1k to VS/2
VS = 5V, VO = 1.5V to 3.5V,RL = 100Ω to VS/2
VS = 3V, VO = 0.5V to 2.5V,RL = 1k to VS/2
l
l
l
46
7.5
13
80
13
22
V/mV
V/mV
V/mV
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = V– to V+
VS = 5V, VCM = 1.5V to 3.5V
VS = 3V, VCM = V– to V+
l
l
l
64
80
60
88
105
83
dB
dB
dB
CMRR Match (Channel-to-Channel) (Note 11)
VS = 5V, VCM = 1.5V to 3.5V
l
80
105
dB
PSRR
Power Supply Rejection Ratio
VS = 3V to 10V, LT6201DD VS = 3V to 7V
l
60
65
dB
PSRR Match (Channel-to-Channel) (Note 11)
VS = 3V to 10V, LT6201DD VS = 3V to 7V
l
60
100
dB
Minimum Supply Voltage (Note 6)
l
3V
VOL
Output Voltage Swing LOW (Note 7)
No Load
ISINK = 5mA
VS = 5V, ISINK = 20mA
VS = 3V, ISINK = 20mA
l
l
l
l
12
55
170
170
60
110
310
310
mV
mV
mV
mV
VOH
Output Voltage Swing HIGH (Note 7)
No Load
ISOURCE = 5mA
VS = 5V, ISOURCE = 20mA
VS = 3V, ISOURCE = 20mA
l
l
l
l
65
115
260
270
120
210
440
490
mV
mV
mV
mV
ISC
Short-Circuit Current
VS = 5V
VS = 3V
l
l
±60
±45
±90
±75
mA
mA
IS
Supply Current per Amplifier
Disabled Supply Current per Amplifier
VS = 5V
VS = 3V
VSHDN = 0.3V
l
l
l
20
19
1.35
23
22
1.8
mA
mA
mA
ISHDN
SHDN Pin Current
VSHDN = 0.3V
l
215
295
μA
VL
VSHDN Pin Input Voltage LOW
l
0.3
V
VH
VSHDN Pin Input Voltage HIGH
l V+–0.5
V
Shutdown Output Leakage Current
VSHDN = 0.3V
l
0.1
75
μA
tON
Turn-On Time
VSHDN = 0.3V to 4.5V, RL = 100Ω, VS = 5V
l
130
ns
tOFF
Turn-Off Time
VSHDN = 4.5V to 0.3V, RL = 100Ω, VS = 5V
l
180
ns
SR
Slew Rate
VS = 5V, AV = –1, RL = 1k, VO = 4V
l
29
42
V/μs
AV = –10, RL = 1k, VO = 4V
LT6200-5
LT6200-10
l
l
190
310
V/μs
V/μs
FPBW
Full Power Bandwidth (Note 9)
VS = 5V, VOUT = 3VP-P (LT6200)
l
3.07
4.45
MHz
The ● denotes the specifications which apply over –40°C < TA < 85°C temperature range. Excludes the LT6201 in the DD package (Note 3).
VS = 5V, 0V; VS = 3V, 0V; VCM = VOUT = half supply, VSHDN = OPEN, unless otherwise noted. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VS = 5V, VCM = Half Supply
VS = 3V, VCM = Half Supply
l
l
0.2
1
1.5
2.8
mV
mV
VS = 5V, VCM = V+ to V –
VS = 3V, VCM = V+ to V –
l
l
0.3
1.5
3.5
4.3
mV
mV
Input Offset Voltage Match
(Channel-to-Channel) (Note 11)
VCM = Half Supply
VCM = V– to V+
l
l
0.2
0.4
2
3
mV
mV
VOS TC
Input Offset Voltage Drift (Note 8)
VCM = Half Supply
l
2.5
8
μV/ºC
IB
Input Bias Current
VCM = Half Supply
VCM = V+
VCM = V–
l
l
l
–40
–50
–10
8
–23
18
μA
μA
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com