Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC9151FDH Datasheet(PDF) 44 Page - NXP Semiconductors

Part # P89LPC9151FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 2 kB 3 V byte-erasable flash with 8-bit ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9151FDH Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button P89LPC9151FDH Datasheet HTML 40Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 41Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 42Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 43Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 44Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 45Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 46Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 47Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 91 page
background image
P89LPC9151_61_71_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 9 February 2010
44 of 91
NXP Semiconductors
P89LPC9151/9161/9171
8-bit microcontroller with 8-bit ADC
7.15 I/O ports
The P89LPC9151 has two I/O ports: Port 0 and Port 1. Ports 0 and 1 are both 6-bit ports.
The P89LPC9161/9171 has three I/O ports: Port 0, Port 1 and Port 2. Ports 0 is 5-bit ports
in the P89LPC9161 and 7-bit ports in the P89LPC9171, Port 1 is 5-bit ports in the
P89LPC9161 and 6-bit ports in the P89LPC9171, Port 2 is 4-bit ports in the P89LPC9161
and 1-bit port in the P89LPC9171. The exact number of I/O pins available depends upon
the clock and reset options chosen, as shown in Table 13 and Table 14
[1]
Required for operation above 12 MHz.
[1]
Required for operation above 12 MHz.
7.15.1 Port configurations
All but three I/O port pins on the P89LPC9151/9161/9171 may be configured by software
to one of four types on a bit-by-bit basis. These are: quasi-bidirectional (standard 80C51
port outputs), push-pull, open drain, and input-only. Two configuration registers for each
port select the output type for each port pin.
1. P1.5 (RST) can only be an input and cannot be configured.
2. P1.2 (SCL/T0) and P1.3 (SDA/INT0) may only be configured to be either input-only or
open-drain.
7.15.1.1
Quasi-bidirectional output configuration
Quasi-bidirectional output type can be used as both an input and output without the need
to reconfigure the port. This is possible because when the port outputs a logic HIGH, it is
weakly driven, allowing an external device to pull the pin LOW. When the pin is driven
Table 13.
Number of I/O pins available (P89LPC9151)
Clock source
Reset option
Number of I/O
pins (14-pin
package)
RC oscillator or watchdog
oscillator
No external reset (except during
power-up)
12
External RST pin supported
11
External clock input
No external reset (except during
power-up)
11
External RST pin supported[1]
10
Table 14.
Number of I/O pins available (P89LPC9161 and P89LPC9171)
Clock source
Reset option
Number of I/O
pins (16-pin
package)
RC oscillator or watchdog
oscillator
No external reset (except during
power-up)
14
External RST pin supported
13
External clock input
No external reset (except during
power-up)
13
External RST pin supported[1]
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com