Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAC207BCA Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PAC207BCA
Description  SINGLE-CHIP CIF CMOS IMAGE SENSOR WITH USB INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC207BCA Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PAC207BCA Datasheet HTML 1Page - Pixart Imaging Inc. PAC207BCA Datasheet HTML 2Page - Pixart Imaging Inc. PAC207BCA Datasheet HTML 3Page - Pixart Imaging Inc. PAC207BCA Datasheet HTML 4Page - Pixart Imaging Inc. PAC207BCA Datasheet HTML 5Page - Pixart Imaging Inc. PAC207BCA Datasheet HTML 6Page - Pixart Imaging Inc. PAC207BCA Datasheet HTML 7Page - Pixart Imaging Inc. PAC207BCA Datasheet HTML 8Page - Pixart Imaging Inc. PAC207BCA Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PAC207BCA
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
1
PixArt Imaging Inc. E-mail: fae_service@pixart.com.tw
V1.2, July. 2003
PAC207B SINGLE-CHIP CIF CMOS IMAGE SENSOR
WITH USB INTERFACE
1. GENERAL DESCRIPTION
The PAC207B is a single chip CMOS image sensor embedded with an USB 1.1 interface and image
compression function. The PAC207B is suitable for low-cost high performance PC camera
applications. It integrates on-chip power regulators to transfer the 5V voltage from USB host power to
proper voltage levels to supply the CMOS sensor and analog and digital circuitry. Hence there is no
need to have external power regulator on the PCB. All the image processing functions, interpolation,
auto exposure, auto white balance, de-flickering and sharpness, are performed by software in PC side.
The optical size is 1/7”, which can easily be embedded into LCD monitors, notebooks or PDA.
Key Specification of Electrical and Optics
Power supply: +5V (Default)
Sensor array: 352 x 288.
Frame rate: up to 30fps.
Pixel Size: 5.6um x 5.6um.
Crystal frequency: 12MHz(Default)
S/N ratio: 35dB.
Power consumption: < 25mA.
PGA gain: 31.6 dB max
Sensitivity: 190 Level/lux-sec (Green pixel)
Exposure time: frame time ~ 1/160000
Optical format: 1/7“
Color filter: RGB Bayer Pattern
Scan mode: Progressive
Package: 32-pin LCC


Similar Part No. - PAC207BCA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PAC200000FAC000 VISHAY-PAC200000FAC000 Datasheet
135Kb / 8P
Cemented Leaded Wirewound Precision Resistors
14-Mar-17
PAC200000FAC000 VISHAY-PAC200000FAC000 Datasheet
133Kb / 8P
Cemented Leaded Wirewound Precision Resistors
14-Mar-17
PAC200001FAC000 VISHAY-PAC200001FAC000 Datasheet
135Kb / 8P
Cemented Leaded Wirewound Precision Resistors
14-Mar-17
PAC200001FAC000 VISHAY-PAC200001FAC000 Datasheet
133Kb / 8P
Cemented Leaded Wirewound Precision Resistors
14-Mar-17
PAC200002FAC000 VISHAY-PAC200002FAC000 Datasheet
135Kb / 8P
Cemented Leaded Wirewound Precision Resistors
14-Mar-17
More results

Similar Description - PAC207BCA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAS106B ETC-PAS106B Datasheet
333Kb / 2P
CIF COLOR CMOS IMAGE SENSOR
VV5404 ETC-VV5404 Datasheet
864Kb / 42P
CIF FORMAT DIGITAL IMAGE SENSOR
OV6620 ETC-OV6620 Datasheet
341Kb / 31P
SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
ICM102A ETC1-ICM102A Datasheet
306Kb / 15P
ICM102A CIF CMOS image sensor
ICM532B ETC1-ICM532B Datasheet
302Kb / 15P
CIF Color CMOS Sensor with USB Output
ICM202B ETC1-ICM202B Datasheet
454Kb / 36P
CIF/QCIF CMOS image sensor with digital YUV output
logo
Samsung semiconductor
S5K711CA SAMSUNG-S5K711CA Datasheet
684Kb / 26P
1/7 CIF CMOS Image Sensor
logo
Pixart Imaging Inc.
PAS106BCA-323 PIXART-PAS106BCA-323 Datasheet
114Kb / 14P
PAS106BCA-323 SINGLE-CHIP CMOS CIF COLOR DIGITAL IMAGE SENSOR PAS106BBA-323 SINGLE-CHIP CMOS CIF B&W DIGITAL IMAGE SENSOR
PAS106BCB-283 PIXART-PAS106BCB-283 Datasheet
109Kb / 15P
PAS106BCB-283 SINGLE-CHIP CMOS CIF COLOR DIGITAL IMAGE SENSOR PAS106BBB-283 SINGLE-CHIP CMOS CIF B&W DIGITAL IMAGE SENSOR
PAS202BCA PIXART-PAS202BCA Datasheet
124Kb / 15P
PAS202BCA SINGLE-CHIP CMOS VGA COLOR DIGITAL IMAGE SENSOR PAS202BBA SINGLE-CHIP CMOS VGA B&W DIGITAL IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com