Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAC207BCA Datasheet(PDF) 4 Page - Pixart Imaging Inc.

Part # PAC207BCA
Description  SINGLE-CHIP CIF CMOS IMAGE SENSOR WITH USB INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC207BCA Datasheet(HTML) 4 Page - Pixart Imaging Inc.

  PAC207BCA Datasheet HTML 1Page - Pixart Imaging Inc. PAC207BCA Datasheet HTML 2Page - Pixart Imaging Inc. PAC207BCA Datasheet HTML 3Page - Pixart Imaging Inc. PAC207BCA Datasheet HTML 4Page - Pixart Imaging Inc. PAC207BCA Datasheet HTML 5Page - Pixart Imaging Inc. PAC207BCA Datasheet HTML 6Page - Pixart Imaging Inc. PAC207BCA Datasheet HTML 7Page - Pixart Imaging Inc. PAC207BCA Datasheet HTML 8Page - Pixart Imaging Inc. PAC207BCA Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PixArt Imaging Inc.
PAC207BCA
Single-Chip CIF CMOS Image sensor with USB
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
4
PixArt Imaging Inc. E-mail: fae_service@pixart.com.tw
V1.3, June. 2004
4. PIN ASSIGNMENT
Pin No.
Name
Type
Description
1
VSSA
GND
Analog GND
2
VRB
Bypass
Analog voltage reference
3
VCM
Bypass
Analog voltage reference
4
VRT
Bypass
Analog voltage reference
5
Vdday2
PWR
Sensor Readout power
6
Vdday1
PWR
Sensor reset power
7
VSSAY
GND
Sensor GND
8
EPR_DO
I
Data output of EEPROM; (IO Trap pin for PID4)
9
EPR_SK
O
Serial clock for EEPROM; (IO Trap pin for PID3)
10
EPR_DI
O
Data input of EEPROM; (IO Trap pin for PID1)
11
PID0
I
(IO Trap pin for PID0)
12
LED
O
LED driver; (IO Trap pin for max power select, 0/1: 500mA/100mA)
13
Xtal0
I
Bios selection of crystal oscillator circuit
14
EPR_EnH
I
Enable signal of EEPROM
15
IOTrap_EnL
I
I/O trap enable signal (0: enable, 1: disable)
16
EPR_CS
O
Chip select of EEPROM; (IO Trap pin for PID2)
17
VSSA
GND
Analog ground
18
VDDM
PWR
Main power, (5V when on-chip regulator enable)
19
VDD2P5
Bypass
Power for core logic, 2.5V
20
KEY#
I
Snapshot control signal (Active Low)
21
Test_EnH
I
Test mode enable, “1” to enable
22
RST#
I
RST_ when P-cam power-up
23
VSSQ
GND
Ground for I/O and PHY
24
DN
Bi-
DN for USB1.1 PHY
25
VDDQ
PWR
Power for I/O and PHY
26
DP
Bi-
DP for USB1.1 PHY
27
XIN
CLK
Crystal IN
28
XOUT
CLK
Crystal OUT
29
VDDP
PWR
Analog power for PLL, bypass when internal regulator enable.
30
VDDD
PWR
Logic power for mixed-mode circuit, bypass when internal regulator
31
VDDA
PWR
Analog power for AD/DA/PGA, bypass when internal regulator enable
32
VDDM
PWR
Main power, (5V when on-chip regulator enable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com