Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KT0803K Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # KT0803K
Description  Monolithic Digital Stereo FM Transmitter Radio-Station-on-a-Chip?
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KT0803K Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button KT0803K Datasheet HTML 9Page - List of Unclassifed Manufacturers KT0803K Datasheet HTML 10Page - List of Unclassifed Manufacturers KT0803K Datasheet HTML 11Page - List of Unclassifed Manufacturers KT0803K Datasheet HTML 12Page - List of Unclassifed Manufacturers KT0803K Datasheet HTML 13Page - List of Unclassifed Manufacturers KT0803K Datasheet HTML 14Page - List of Unclassifed Manufacturers KT0803K Datasheet HTML 15Page - List of Unclassifed Manufacturers KT0803K Datasheet HTML 16Page - List of Unclassifed Manufacturers KT0803K Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Copyright
©2009, KT Micro, Inc.
13
KT0803K
Chip Enable and Mode Control
There is one external pin SW (Pin 8) to enable the chip. The definition is shown below.
Table 5: Pin SW
Input
SW
Chip Mode
IOVDD
Clock Source
0
Power off
N/A
N/A
1
Power On
1.6~3.6V
External crystal or clock
Mute
The FM transmitter can be muted by setting Register MUTE to “1” through I2C programming.
Silence Detection
Bit name
Register location
Description
SLNCDIS
Reg 0x12[7]
Setting to 0 to enable the silence detection
SLNCTIME[2:0]
Reg 0x14[7:5]
silence detection time window
SLNCTHL[2:0]
Reg 0x12[6:4]
Low threshold voltage of input signal for silence detection
SLNCTHH[2:0]
Reg 0x12[3:1]
High threshold voltage of input signal for silence detection
SLNCCNTTHL[2:0]
Reg 0x14[4:2]
# of time when the input signal amplitude is lower than
SLNCTHL
SLNCCNTTHH[2:0]
Reg 0x16[2:1]
# of time when the input signal amplitude is higher than
SLNCTHH
SLNCID
Reg 0x0F[2]
(Read only) Set to 1 when silence is detected.
The silence detection scheme is enabled by setting SLNCDIS to 0.
During the time defined by SLNTIME[2:0], the chip will be muted when the number of time when the
input amplitude is higher than the voltage defined by SLNCTHL[2:0] is lower than SLNCCNTTHL[2:0].
The SLNCID bit is set to 0.
When the input signal amplitude is higher than the voltage defined by SLNCTHH[2:0] and the number of
time when that happens is more than SLNCCNTTHH[2:0], the chip exits from the mute status and the
SLNCID is cleared to 0.
Reset
The global reset is issued after the RSTB pin set to “0” or automatic on-chip power-on reset. After a global
reset, all registers are reset to the default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com