Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KT0803K Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # KT0803K
Description  Monolithic Digital Stereo FM Transmitter Radio-Station-on-a-Chip?
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KT0803K Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  KT0803K Datasheet HTML 1Page - List of Unclassifed Manufacturers KT0803K Datasheet HTML 2Page - List of Unclassifed Manufacturers KT0803K Datasheet HTML 3Page - List of Unclassifed Manufacturers KT0803K Datasheet HTML 4Page - List of Unclassifed Manufacturers KT0803K Datasheet HTML 5Page - List of Unclassifed Manufacturers KT0803K Datasheet HTML 6Page - List of Unclassifed Manufacturers KT0803K Datasheet HTML 7Page - List of Unclassifed Manufacturers KT0803K Datasheet HTML 8Page - List of Unclassifed Manufacturers KT0803K Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Copyright
©2009, KT Micro, Inc.
4
KT0803K
I2C Compatible 2-Wire Serial Interface
General Descriptions
The serial interface consists of a serial controller and registers. An internal address decoder transfers the
content of the data into appropriate registers. Please note that the I2C address is 0x 0111110 the same as
in KT0803. Neither software nor hardware change is needed if KT0803K is used to replace KT0803.
Both the write and read operations are supported according to the following protocol:
Write Operations:
BYTE WRITE:
The write operation is accomplished via a 3-byte sequence:
Serial address with write command
Register address
Register data
A write operation requires an 8-bit register address following the device address word and acknowledgment.
Upon receipt of this address, the KT0803K will again respond with a “0” and then clock in the 8-bit
register data. Following receipt of the 8-bit register data, the KT0803K will output a “0” and the addressing
device, such as a microcontroller, must terminate the write sequence with a stop condition (see Figure 3).
Read Operations:
RANDOM READ:
The read operation is accomplished via a 4-byte sequence:
Serial address with write command
Register address
Serial address with read command
Register data
Once the device address and register address are clocked in and acknowledged by the KT0803K, the
microcontroller must generate another start condition. The microcontroller now initiates a current address
read by sending a device address with the read/write select bit high. The KT0803K acknowledges the
device address and serially clocks out the register data. The microcontroller does not respond with a “0” but
does generate a following stop condition (see Figure 3).
RANDOM REGISTER WRITE PROCEDURE
S 0 1 1 1 1 1 0 W A
A
A P
7 bit address
register address
data
Acknowledge
Acknowledge
STOP condition
START condition
WRITE command
Acknowledge
RANDOM REGISTER READ PROCEDURE
S 0 1 1 1 1 1 0 W A
A S 0111110 R A
A P
7 bit address
register address
7 bit address
data
Acknowledge
Acknowledge
Acknowledge
START condition
WRITE command
READ condition
NO Acknowledge
STOP condition
Figure 3: Serial Interface Protocol
CURRENT ADDRESS READ: The internal data register address counter maintains the last address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com