Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAS005B Datasheet(PDF) 8 Page - Pixart Imaging Inc.

Part # PAS005B
Description  SXGA Color/Mono Digital CMOS Image Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS005B Datasheet(HTML) 8 Page - Pixart Imaging Inc.

Back Button PAS005B Datasheet HTML 4Page - Pixart Imaging Inc. PAS005B Datasheet HTML 5Page - Pixart Imaging Inc. PAS005B Datasheet HTML 6Page - Pixart Imaging Inc. PAS005B Datasheet HTML 7Page - Pixart Imaging Inc. PAS005B Datasheet HTML 8Page - Pixart Imaging Inc. PAS005B Datasheet HTML 9Page - Pixart Imaging Inc. PAS005B Datasheet HTML 10Page - Pixart Imaging Inc. PAS005B Datasheet HTML 11Page - Pixart Imaging Inc. PAS005B Datasheet HTML 12Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
PixArt Imaging Inc.
PAS005B
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
in redundancy rows
Reg_48[5]
CDS_pd
R/W
0
Analog CDS disable in redundancy rows
Reg_48[4]
ASP_pd
R/W
0
Analog signal path disable in redundancy rows
Reg_48[3]
path_chg
R/W
0
Combination of (single_path, path_chg):
00: even pixels processed by even signal path, odd
pixels processed by odd signal path
01: even pixels processed by odd signal path, odd
pixels processed by even signal path
10: all pixels are processed by the even signal path
11: all pixels are processed by the odd signal path
Reg_48[2]
even_path
R/W
0
Useful only when mono mode and double path
readout, even pixels and odd pixels are all processed,
but just only either even or odd pixels are readout
0: for readout even path
1: for readout odd path
Reg_48[1]
csbE
R/W
0
1 for closing the even analog signal path
Reg_48[0]
csbO
R/W
0
1 for closing the odd analog signal path
Reg_49[5]
Test_EnH
R/W
0
Test enable high
Reg_49[4]
dqio_EnL
R/W
0
dqio enable low
Reg_49[3]
scan_Dac
R/W
0
scan DAC(useful only when Test_EnH=1)
Reg_49[2]
scan_Color
R/W
0
scan Color Gain(useful only when Test_EnH=1)
Reg_49[1]
scan_Global
R/W
0
scan Global Gain(useful only when Test_EnH=1)
Reg_49[0]
pga_test_EnH
R/W
0
pga test enable high
Reg_50[5]
sfswt_EnH
R/W
0
Source follower dynamic switch enable high
Reg_50[4]
offset_EnL
R/W
0
Analog signal path offset enable low
Reg_50[3]
zdly_plus
R/W
0
Zeroing switch delay plus enable high
Reg_50[2]
cds_zero_EnH
R/W
0
Zeroing switch in CDS enable high
Reg_50[1]
vga_ave_EnH
R/W
0
VGA resolution averaged out enable high
Reg_50[0]
cif_ave_EnH
R/W
0
CIF resolution averaged out enable high
Reg_51[7]
cds_fast_EnH
R/W
0
CDS block fast enable high
Reg_51[6]
dac_fast_EnH
R/W
0
DAC block fast enable high
Reg_51[5]
pga_fast_EnH
R/W
0
PGA block fast enable high
Reg_51[4]
adc_fast_EnH
R/W
0
ADC block fast enable high
Reg_51[3]
cds_EnL
R/W
0
CDS block enable low
Reg_51[2]
dac_EnL
R/W
0
DAC block enable low
Reg_51[1]
pga_EnL
R/W
0
PGA block enable low
Reg_51[0]
adc_EnL
R/W
0
ADC block enable low
Reg_52[5:4]
cdsbias[1:0]
R/W
0
CDS bias current option
Reg_52[3:2]
vlrst[1:0]
R/W
0
VLRST voltage level option
Reg_52[1:0]
vdday[1:0]
R/W
0
VDDAY voltage level option
Reg_53[6]
reg_EnL
R/W
0
Regulator block enable low
Reg_53[5:4]
regfast[1:0]
R/W
1
Regulator current level option
Reg_53[3:2]
vrefLG[1:0]
R/W
0
Reference voltage (VRT-VRB) range option
Reg_53[1:0]
vddd[1:0]
R/W
0
Internal regulated digital power X_VDDD voltage
level option
Reg_54[7]
T_gp1
R/W
0
0: CDS clock = even path clock
1: CDS clock = odd path clock
Reg_54[6]
T_gp2
R/W
0
0: X_VDDD switch ON diode connect from VDDD
1: X_VDDD switch OFF diode connect from VDDD
Reg_54[5]
extvdy_EnH
R/W
0
External VDDAY enable high
Reg_54[4]
vayNdrv_EnH
R/W
0
VDDAY with NMOS drive enable high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com