Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAS005B Datasheet(PDF) 18 Page - Pixart Imaging Inc.

Part # PAS005B
Description  SXGA Color/Mono Digital CMOS Image Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS005B Datasheet(HTML) 18 Page - Pixart Imaging Inc.

Back Button PAS005B Datasheet HTML 14Page - Pixart Imaging Inc. PAS005B Datasheet HTML 15Page - Pixart Imaging Inc. PAS005B Datasheet HTML 16Page - Pixart Imaging Inc. PAS005B Datasheet HTML 17Page - Pixart Imaging Inc. PAS005B Datasheet HTML 18Page - Pixart Imaging Inc. PAS005B Datasheet HTML 19Page - Pixart Imaging Inc. PAS005B Datasheet HTML 20Page - Pixart Imaging Inc. PAS005B Datasheet HTML 21Page - Pixart Imaging Inc. PAS005B Datasheet HTML 22Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
PixArt Imaging Inc.
PAS005B
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
4.3 Sub-sampling
4.3.1 Sub-sampling—in color mode
PAS005B can be programmed to output in VGA and CIF size. In VGA sub-sampling mode, both vertical and
horizontal pixels are sub-sampled at 1/2, while in CIF sub-sampling mode, sub-sampled at 1/4. By programming
row frequency(rf), column frequency(cf) and color mode(cm), PAS005B performs sub-sampling. The maximum
sub-sampling rate is 1/8. As shown in Fig. 4.3, by setting cm=1, rf=01 and cf=01, PAS005B outputs in VGA sub-
sampling mode.
**In color mode PAS005B outputs in Bayer pattern while mono mode outputs mono data.
0
1
1026
1027
2046
2047
Fig 4.3.1
4.3.2
Sub-sampling—in mono mode
PAS005B can also be programmed to output in VGA and CIF size in mono mode. In VGA sub-sampling mode,
both vertical and horizontal pixels are sub-sampled at 1/2, while in CIF sub-sampling mode sub-sampled at 1/4.
By programming row frequency(rf), column frequency(cf) and color mode(cm), PAS005B performs sub-
sampling. The maximum sub-sampling rate is 1/8.
0
1026
2046
2047
Fig 4.3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com