Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAS302BCW-22S Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PAS302BCW-22S
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS302BCW-22S Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PAS302BCW-22S Datasheet HTML 1Page - Pixart Imaging Inc. PAS302BCW-22S Datasheet HTML 2Page - Pixart Imaging Inc. PAS302BCW-22S Datasheet HTML 3Page - Pixart Imaging Inc. PAS302BCW-22S Datasheet HTML 4Page - Pixart Imaging Inc. PAS302BCW-22S Datasheet HTML 5Page - Pixart Imaging Inc. PAS302BCW-22S Datasheet HTML 6Page - Pixart Imaging Inc. PAS302BCW-22S Datasheet HTML 7Page - Pixart Imaging Inc. PAS302BCW-22S Datasheet HTML 8Page - Pixart Imaging Inc. PAS302BCW-22S Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PAS302BCW-22S
CMOS Image Sensor IC
Version 2.4, 20 Sep. 2005
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
1
PAS302BCW-22S CMOS VGA DIGITAL IMAGE SENSOR
General Description
The PAS302BCW-22S is a highly integrated CMOS active-pixel image sensor that has a VGA
resolution of 644H x 484V. The PAS302BCW-22S outputs 8-bit RGB raw data through a parallel data
bus and is available in 22-pin CSP package.
The PAS302BCW-22S can be programmed to set the exposure time for different luminance condition
via 2TM
IC
serial control bus. By programming the internal register sets, it can perform on-chip frame
rate adjustment, offset correction DAC and programmable gain control.
Key Specification
Supply Voltage
2.5V ~ 3.3V
Resolution
644(H) x 484(V)
Array diagonal
4.5mm (~1/4”Optic)
Pixel Size
5.6
µmx5.6µm
Chief Ray Angle
20∘ ~ 22∘
Frame rate
~30 fps
System clock
Up to 48 MHz
Pixel clock
Up to 12MHz
Sensitivity
1.56 V/Lux-Sec
Color filter
RGB Bayer Pattern
Exposure Time
~ Frame time to Line time
Scan Mode
Progressive
S/N Ratio
> 45 dB
Features
VGA(644 x 484 pixels) resolution, ~1/4”
Lens
Bayer-RGB color filter array
Output format: 8-bit parallel RGB raw data
On-chip 10-bit pipelined A/D converter
On-chip programmable gain amplifier
4-bit color gain amplifier (x1~x2)
4-bit global gain amplifier (x1~x2)
Digital gain stage
Continuous variable frame
time(1/2sec~1/30sec)
Continuous variable exposure time
2TM
IC
Interface
Support flash light timing
Single 2.5V / 3.3V supply voltage
< 15mA(~30 fps) power dissipation
2µA power dissipation when power down
mode
Window-Of-Interest (WOI)
Sub-sampling
Defect compensation
Pin-to-pin compatible to OV7648
Package
22-pin lead-free CSP
Note1: Only two decoupling capacitors needed
Note2: Good sensitivity compared to competitors


Similar Part No. - PAS302BCW-22S

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
CMOS VGA DIGITAL IMAGE SENSOR
More results

Similar Description - PAS302BCW-22S

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAC407BCA PIXART-PAC407BCA Datasheet
494Kb / 24P
CMOS VGA DIGITAL IMAGE SENSOR
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
CMOS VGA DIGITAL IMAGE SENSOR
PAS6329 PIXART-PAS6329 Datasheet
667Kb / 15P
CMOS VGA DIGITAL IMAGE SENSOR
PAS6337 PIXART-PAS6337 Datasheet
557Kb / 18P
CMOS VGA DIGITAL IMAGE SENSOR
PAS6371 PIXART-PAS6371 Datasheet
414Kb / 20P
CMOS VGA DIGITAL IMAGE SENSOR
logo
ON Semiconductor
MT9V023 ONSEMI-MT9V023 Datasheet
1Mb / 59P
Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9V024 ONSEMI-MT9V024 Datasheet
1Mb / 62P
Wide-VGA CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9V034 ONSEMI-MT9V034 Datasheet
1Mb / 62P
Wide-VGA CMOS Digital Image Sensor
Rev.G Pub. 4/15 EN
MT9V131 ONSEMI-MT9V131 Datasheet
753Kb / 33P
Inch SOC VGA CMOS Digital Image Sensor
Rev. H 4/15 EN
MT9V022 ONSEMI-MT9V022 Datasheet
1Mb / 58P
Wide-VGA CMOS Digital Image Sensor
Rev. L 6/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com