Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC305LP4 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC305LP4
Description  0.5 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC305LP4 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC305LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC305LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC305LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC305LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC305LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC305LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC305LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC305LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
5
5 - 62
Truth Table
Serial Control Input
Attenuation
Setting
RF1 - RF2
C 0.5
C 1
C 2
C 4
C 8
High
High
High
High
High
Reference
I.L.
Low
High
High
High
High
0.5 dB
High
Low
High
High
High
1 dB
High
High
Low
High
High
2 dB
High
High
High
Low
High
4 dB
High
High
High
High
Low
8 dB
Low
Low
Low
Low
Low
15.5 dB
Max. Atten.
Any combination of the above states will provide an attenuation
approximately equal to the sum of the bits selected.
Worst Case Step Error
Between Successive Attenuation States
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
0.5
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
Digital Control Voltages
State
Vcc = +5V
Vcc = +3V
Low
0 to 1.3V
0 to 0.7V
High
3.5 to 5V
2.3 to 3V
Parameter
Symbol
Vcc = +5V
Vcc = +3V
Units
Min.
Max.
Min.
Max.
Serial Input Setup
Time
ts
20
-
100
-
ns
Hold time from Serial
Input to Shift Clock
th
0
-
5
-
ns
Setup time from
Shift Clock to Latch
Enable
tlsup
40
-
100
-
ns
Propagation delay,
Latch Enable to C0.5
through C8
tpd
-
30
-
70
ns
Setup time from
Reset to Shift Clock
-20
-
50
-
ns
Clock Frequency
(1/tclk)
fclk
-
30
-
10
MHz
Timing
Timing Diagram
Serial Input Truth Table
Latch
Enable
Shift
Clock
Reset
Function
X
X
L
Shift register cleared
X
H
Shift register clocked
XH
Contents of shift register
transferred to Digital
Attenuator
HMC305LP4 / 305LP4E
v03.0809
0.5 dB LSB GaAs MMIC 5-BIT SERIAL
CONTROL DIGITAL ATTENUATOR, 0.7 - 3.8 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com