Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC305LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC305LP4
Description  0.5 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC305LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC305LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC305LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC305LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC305LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC305LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC305LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC305LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC305LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
5
5 - 60
General Description
Features
Functional Diagram
0.5 dB LSB Steps to 15.5 dB
CMOS Compatible Serial Data Interface
SPI Compatible Serial Output
±0.3 dB Typical Bit Error
24 Lead 4x4mm QFN Package: 16mm2
Included in the HMC-DK004 Designer’s Kit
Electrical Specifications, T
A = +25° C, Vcc = +3V to +5V
Typical Applications
The HMC305LP4 & HMC305LP4E are broadband
5-bit positive control GaAs IC digital attenuators with
CMOS compatible serial-to-parallel drivers packaged
in leadless QFN 4x4 mm SMT packages. Covering
0.7 to 3.8 GHz, the insertion loss is typically less
than 1.5 to 2 dB. The attenuator bit values are 0.5
(LSB), 1, 2, 4, and 8 dB for a total attenuation of
15.5 dB. Attenuation accuracy is excellent at ±0.25
dB typical with an IIP3 of up to +52 dBm. Five bit
serial control words are used to select each attenuation
state. A single Vcc bias of +3V to +5V applied through
an external 5k Ohm resistor is required.
The HMC305LP4 / HMC305LP4E is ideal for:
• Cellular/3G Infrastructure
• Fixed Wireless, WiMax & WiBro
• Test Instrumentation
Parameter
Frequency
Min.
Typical
Max.
Units
Insertion Loss
0.7 - 1.4 GHz
1.4 - 2.3 GHz
2.3 - 2.7 GHz
2.7 - 3.8 GHz
1.2
1.5
1.8
2.0
1.5
2.0
2.3
2.5
dB
dB
dB
dB
Attenuation Range
0.7 - 3.8 GHz
15.5
dB
Return Loss (RF1 & RF2, All Atten. States)
0.7 - 1.4 GHz
1.4 - 2.3 GHz
2.3 - 2.7 GHz
2.7 - 3.8 GHz
17
18
19
15
dB
dB
dB
dB
Attenuation Accuracy: (Referenced to Insertion Loss)
All Attenuation States
0.7 - 0.9 GHz
0.9 - 2.2 GHz
2.2 - 3.8 GHz
± (0.5 +5% of Atten. Setting) Max
± (0.3 +4% of Atten. Setting) Max
± (0.5 +5% of Atten. Setting) Max
dB
dB
dB
Input Power for 0.1 dB Compression
Vcc = 5V
Vcc = 3V
0.7 - 3.8 GHz
25
23
dBm
dBm
Input Third Order Intercept Point
(Two-tone Input Power = 0 dBm Each Tone)
Vcc = 5V
Vcc = 3V
0.7 - 3.8 GHz
52
48
dBm
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (Latch Enable to 10/90% RF)
0.7 - 3.8 GHz
750
830
ns
ns
0.5 dB LSB GaAs MMIC 5-BIT SERIAL
CONTROL DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC305LP4 / 305LP4E
v03.0809


Similar Part No. - HMC305LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC305LP4 HITTITE-HMC305LP4 Datasheet
499Kb / 8P
0.5 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC305LP4E HITTITE-HMC305LP4E Datasheet
499Kb / 8P
0.5 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC305LP4 HITTITE-HMC305LP4_10 Datasheet
352Kb / 8P
0.5 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
More results

Similar Description - HMC305LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC306MS10 HITTITE-HMC306MS10 Datasheet
185Kb / 6P
0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC305LP4 HITTITE-HMC305LP4 Datasheet
499Kb / 8P
0.5 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC603QS16 HITTITE-HMC603QS16 Datasheet
341Kb / 6P
0.5 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 0.7 - 3.8 GHz
HMC306MS10 HITTITE-HMC306MS10_06 Datasheet
324Kb / 6P
0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC305ALP4 HITTITE-HMC305ALP4 Datasheet
980Kb / 8P
0.5 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC306MS10 HITTITE-HMC306MS10_08 Datasheet
235Kb / 6P
0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC603MS10 HITTITE-HMC603MS10_08 Datasheet
236Kb / 6P
0.5 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 0.7 - 3.8 GHz
HMC305LP4 HITTITE-HMC305LP4_10 Datasheet
352Kb / 8P
0.5 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC306AMS10 HITTITE-HMC306AMS10 Datasheet
733Kb / 6P
0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
logo
Analog Devices
HMC306AMS10 AD-HMC306AMS10 Datasheet
301Kb / 4P
0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com