Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MY2 Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # MY2
Description  General-purpose Relay
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY2 Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button MY2 Datasheet HTML 8Page - Omron Electronics LLC MY2 Datasheet HTML 9Page - Omron Electronics LLC MY2 Datasheet HTML 10Page - Omron Electronics LLC MY2 Datasheet HTML 11Page - Omron Electronics LLC MY2 Datasheet HTML 12Page - Omron Electronics LLC MY2 Datasheet HTML 13Page - Omron Electronics LLC MY2 Datasheet HTML 14Page - Omron Electronics LLC MY2 Datasheet HTML 15Page - Omron Electronics LLC MY2 Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
270
General-purpose Relay
MY
Socket Bridge
Note: 1. The relationship between the model number, the length L,
and the color of the insulating coating is shown above.
2. The insulating coating must be able to withstand a voltage
of 1,500 V for 1 minute. Use either PE or PA as the material
of the insulating coating.
3. The positions of the ends of the insulating coating must not
vary more than 0.5 mm.
4. The characteristics of the socket bridge are shown above.
Socket
Dimensions
Terminal arrangement/
internal connections
(top view)
Mounting height (with lever)
Note: Pole-2 and pole-3 can-
not be used with the
MY2 type. Use pole-1
(terminal numbers 11,
14,
12)
and
pole-4
(terminal numbers
41, 44, 42).
Note: Track mounting only.
Note: Track mounting only.
PYF14S
36.5 max.
31 max.
85 max.
72.6 typ.
28.6
PYF08S
(5.3)
85 max.
38.2 max.
36.5 max.
23.2 max.
73.6 typ.
28.6
Insulating coating
1.4 dia. conductor
L
(See note 1.)
Model number
Length L (mm)
Color of insulating
coating
PYDM-14SR
27.5
±0.3
Red
PYDM-14SB
Blue
PYDM-08SR
19.7
±0.3
Red
PYDM-08SB
Blue
Item
Characteristic
Rated ON current
10 A
Rated insulation voltage
250 VAC
Temperature rise
35
°C max.
Dielectric strength
1,500 VAC for 1 minute
Ambient operating temperature
-55 to 70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com