Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MY2 Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # MY2
Description  General-purpose Relay
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY2 Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button MY2 Datasheet HTML 12Page - Omron Electronics LLC MY2 Datasheet HTML 13Page - Omron Electronics LLC MY2 Datasheet HTML 14Page - Omron Electronics LLC MY2 Datasheet HTML 15Page - Omron Electronics LLC MY2 Datasheet HTML 16Page - Omron Electronics LLC MY2 Datasheet HTML 17Page - Omron Electronics LLC MY2 Datasheet HTML 18Page - Omron Electronics LLC MY2 Datasheet HTML 19Page - Omron Electronics LLC MY2 Datasheet HTML 20Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
274
General-purpose Relay
MY
SEV Listings (File No. 99.5 50902.01)
Note: 1. The rated values approved by each of the safety standards (eg., UL, CSA, VDE, and SEV) may be different from the performance char-
acteristics individually defined in this catalog.
2. In the interest of product improvement, specifications are subject to change.
PYF-S Installation Notes
■ Tools
A flat-blade screwdriver should be used to mount the cables.
Applicable Screwdriver
● Flat-blade, Parallel-tip, 2.5 mm diameter (3.0 mm max.)
Examples: FACOM AEF.2.5
× 75E
(AEF. 3
× 75E)
VESSEL No. 9900-(-)2.5
× 75 (No. 9900-(-)3 × 100)
WAGO 210-119
WIHA 260/2.5
× 40
(260/3
× 50)
*Chamfering the tip of the driver improves insertion when used as an exclusive tool.
■ Applicable Wires
Applicable Wire Sizes
0.2 to 1.5 mm2, AWG24 to AWG16
Applicable Wire Type
Solid wires, stranded wires, flexible wires, or wires with ferules can
be used.
(See note 1.) < 2.2
≤ Diameter D (mm) ≤ 3.2 (3.5: see note 2.)
Conductor diameter d (mm) or length of sides a and b (mm)
≤ 1.9
Note: 1. If the overall diameter of the wire is less than 2.2 mm, do not
insert the wire past the conductor. Refer to the following di-
agrams.
2. If the overall diameter of the wire is over 3.2 mm, it will be
difficult to use double wiring.
No. of poles
Coil ratings
Contact ratings
Operations
2
6 to 240 VAC
6 to 125 VDC
10 A, 250 VAC
10 A, 30 VDC
10 x 103
4
5 A, 250 VAC
5 A, 30 VDC
100 x 103
MY4Z AC; 50 x 103
● Flat-blade, Parallel-tip
● Flat-blade, Flared-tip
2.5 dia. (3.0 mm max.)
Cannot be used.
Wires with Ferules



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com