Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKS2PI Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # MKS2PI
Description  General Purpose Relays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MKS2PI Datasheet(HTML) 2 Page - Omron Electronics LLC

  MKS2PI Datasheet HTML 1Page - Omron Electronics LLC MKS2PI Datasheet HTML 2Page - Omron Electronics LLC MKS2PI Datasheet HTML 3Page - Omron Electronics LLC MKS2PI Datasheet HTML 4Page - Omron Electronics LLC MKS2PI Datasheet HTML 5Page - Omron Electronics LLC MKS2PI Datasheet HTML 6Page - Omron Electronics LLC MKS2PI Datasheet HTML 7Page - Omron Electronics LLC MKS2PI Datasheet HTML 8Page - Omron Electronics LLC MKS2PI Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
278
General Purpose Relays
MKS
Ordering Information
■ List of Models
■ 10A Sockets (Order Separately)
Type
Terminals Contact form
Internal connections
(See note 3.)
With mechanical indicator With mechanical indicator
and lockable test button
Coil ratings
Basic
Models
Plug-in
DPDT
Standard
MKS2P
MKS2PI
AC/DC
Non Standard
MKS2P-2
MKS2PI-2
3PDT
Standard
MKS3P-5
MKS3PI-5
Non Standard
MKS3P-2
MKS3PI-2
MKS3P
MKS3PI
Models with
LED Indicator
(See note 2.)
DPDT
Standard
MKS2PN(1)
MKS2PIN(1)
AC/DC
Non Standard
MKS2PN(1)-2
MKS2PIN(1)-2
3PDT
Standard
MKS3PN(1)-5
MKS3PIN(1)-5
Non Standard
MKS3PN(1)-2
MKS3PIN(1)-2
MKS3PN(1)
MKS3PIN(1)
Models with
Diode
(See note 2.)
DPDT
Standard
MKS2P(1)-D
MKS2PI(1)-D
DC
Non Standard
MKS2P(1)-D-2
MKS2PI(1)-D-2
3PDT
Standard
MKS3P(1)-D-5
MKS3PI(1)-D-5
Non Standard
MKS3P(1)-D-2
MKS3PI(1)-D-2
MKS3P(1)-D
MKS3PI(1)-D
Models with
LED Indicator
and Diode
DPDT
Standard
MKS2PN-D
MKS2PIN-D
DC
Non Standard
MKS2PN-D-2
MKS2PIN-D-2
3PDT
Standard
MKS3PN-D-5
MKS3PIN-D-5
Non Standard
MKS3PN-D-2
MKS3PIN-D-2
MKS3PN-D
MKS3PIN-D
Models with
Varistor
DPDT
Standard
MKS2P-V
MKS2PI-V
AC
Non Standard
MKS2P-V-2
MKS2PI-V-2
3PDT
Standard
MKS3P-V-5
MKS3PI-V-5
Non Standard
MKS3P-V-2
MKS3PI-V-2
MKS3P-V
MKS3PI-V
Models with
LED Indicator
and Varistor
DPDT
Standard
MKS2PN-V
MKS2PIN-V
AC
Non Standard
MKS2PN-V-2
MKS2PIN-V-2
3PDT
Standard
MKS3PN-V-5
MKS3PIN-V-5
Non Standard
MKS3PN-V-2
MKS3PIN-V-2
MKS3PN-V
MKS3PIN-V
Rated voltage
Note: 1. When ordering, add the rated voltage to the model number. Rated voltages are given in the coil ratings table in the specifications.
Example: MKS2P DC48
2. The DC coil comes in two types: standard coil polarity and reverse coil polarity.
Refer to Terminal Arrangement and Internal Connections.
Example: MKS3PN1-5 DC24
3. Refer to Terminal Arrangement and Internal Connections for all wiring diagrams.
Reverse coil polarity
Item
Type
Model
Track-mounted
Socket
8-pin
PF083A-E
11-pin
PF113A-E
8-pin
PF083A-D
11-pin
PF113A-D
Hold-down Clip
(For PF083A-E and PF113A-E)
PFC-A1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com