Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKS2PI Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # MKS2PI
Description  General Purpose Relays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MKS2PI Datasheet(HTML) 3 Page - Omron Electronics LLC

  MKS2PI Datasheet HTML 1Page - Omron Electronics LLC MKS2PI Datasheet HTML 2Page - Omron Electronics LLC MKS2PI Datasheet HTML 3Page - Omron Electronics LLC MKS2PI Datasheet HTML 4Page - Omron Electronics LLC MKS2PI Datasheet HTML 5Page - Omron Electronics LLC MKS2PI Datasheet HTML 6Page - Omron Electronics LLC MKS2PI Datasheet HTML 7Page - Omron Electronics LLC MKS2PI Datasheet HTML 8Page - Omron Electronics LLC MKS2PI Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
General Purpose Relays
MKS
279
Specifications
■ Ratings
Coil Ratings
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with tolerances of +15%/−20% for AC rated current and
±15% for DC coil resistance.
2. Performance characteristic data are measured at a coil temperature of 23
°C.
3. The maximum voltage is one that is applicable instantaneously to the Relay coil at 23
°C and not continuously.
4. For DC-operated Relays with the LED indicator built-in, add an LED current of approx. 5 mA to the rated current.
Contact Ratings
Rated voltage
Rated current
Coil resistance
Must operate
voltage
Must release
voltage
Max. voltage
Power
consumption
50 Hz
60 Hz
AC
6 V
443 mA
385 mA
3.1
Ω
80% max. of rated
voltage
30% min. of rated
voltage at 60 Hz
25% min. of rated
voltage at 50 Hz
110% of rated volt-
age
Approx. 2.3 VA
at 60 Hz
Approx. 2.7 VA
at 50 Hz
12 V
221 mA
193 mA
13.7
Ω
24 V
110 mA
96.3 mA
48.4
Ω
110 V
24.2 mA
21.0 mA
932
Ω
120 V
22.2 mA
19.3 mA
1,130
Ω
220 V
12.1 mA
10.5 mA
3,550
Ω
230 V
11.5 mA
10.0 mA
4,250
Ω
240 V
11.0 mA
9.6 mA
4,480
Ω
DC
6 V
224 mA
26.7
Ω
15% min. of rated
voltage
Approx. 1.4 W
12 V
112 mA
107
Ω
24 V
55.8 mA
430
Ω
48 V
28.1 mA
1,710
Ω
100 V
13.5 mA
7,390
Ω
110 V
12.3 mA
8,960
Ω
Load
Resistive load
(cos
φ = 1)
Inductive load
(p.f. = 0.4)
Contact mechanism
Single
Contact material
AgSnIn
Rated load
NO
10 A, 250 VAC
10A, 30 VDC
7 A, 250 VAC
NC
5 A, 250 VAC
5 A, 30 VDC
Rated carry current
10 A
Max. switching voltage
250 VAC, 250 VDC
Max. switching current
10 A
Max. switching capacity
NO
2,500 VA/300 W
NC
1,250 VA/150 W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com