Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC751LC4 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC751LC4
Description  SMT PHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC751LC4 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC751LC4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC751LC4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC751LC4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC751LC4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC751LC4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC751LC4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
8
8 - 351
Outline Drawing
Absolute Maximum Ratings
Drain Bias Voltage (Vdd1, Vdd2, Vdd3)
+5.5 Vdc
RF Input Power (RFIN)(Vdd = +4 Vdc)
-5 dBm
Channel Temperature
175 °C
Continuous Pdiss (T= 85 °C)
(derate 11.2 mW/°C above 85 °C)
1 W
Thermal Resistance
(channel to ground paddle)
89 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Vdd (Vdc)
Idd (mA)
+3.5
69
+4.0
73
+4.5
77
Typical Supply Current vs. Vdd
Note: Amplifier will operate over full voltage range shown
above.
NOTES:
1. PACKAGE BODY MATERIAL: ALUMINA
2. LEAD AND GROUND PADDLE PLATING: 30-80 MICROINCHES
GOLD OVER 50 MICROINCHES MINIMUM NICKEL
3. DIMENSIONS ARE IN INCHES [MILLIMETERS]
4. LEAD SPACING TOLERANCE IS NON-CUMULATIVE
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm DATUM
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE
SOLDERED TO PCB RF GROUND
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC751LC4
v00.0409
SMT PHEMT LOW NOISE
AMPLIFIER, 17 - 27 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com