Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC751LC4 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC751LC4
Description  SMT PHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC751LC4 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC751LC4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC751LC4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC751LC4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC751LC4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC751LC4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC751LC4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
8
8 - 350
P1dB vs. Temperature
Power Compression @ 21 GHz
Reverse Isolation vs. Temperature
P1dB vs. Supply Voltage
Psat vs. Temperature
HMC751LC4
v00.0409
SMT PHEMT LOW NOISE
AMPLIFIER, 17 - 27 GHz
4
6
8
10
12
14
16
18
14
16
18
20
22
24
26
28
30
+25 C
+85 C
- 40 C
FREQUENCY (GHz)
4
6
8
10
12
14
16
18
14
16
18
20
22
24
26
28
30
3.5 V
4.0 V
4.5 V
FREQUENCY (GHz)
4
6
8
10
12
14
16
18
14
16
18
20
22
24
26
28
30
+25 C
+85 C
- 40 C
FREQUENCY (GHz)
-70
-60
-50
-40
-30
-20
-10
0
14
16
18
20
22
24
26
28
30
+25 C
+85 C
- 40 C
FREQUENCY (GHz)
0
5
10
15
20
25
30
-25
-20
-15
-10
-5
Pout
Gain
PAE
INPUT POWER (dBm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com