Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS2W-M12PVC4SS2M Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # XS2W-M12PVC4SS2M
Description  Round Water-resistant Connectors (M12)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2W-M12PVC4SS2M Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button XS2W-M12PVC4SS2M Datasheet HTML 3Page - Omron Electronics LLC XS2W-M12PVC4SS2M Datasheet HTML 4Page - Omron Electronics LLC XS2W-M12PVC4SS2M Datasheet HTML 5Page - Omron Electronics LLC XS2W-M12PVC4SS2M Datasheet HTML 6Page - Omron Electronics LLC XS2W-M12PVC4SS2M Datasheet HTML 7Page - Omron Electronics LLC XS2W-M12PVC4SS2M Datasheet HTML 8Page - Omron Electronics LLC XS2W-M12PVC4SS2M Datasheet HTML 9Page - Omron Electronics LLC XS2W-M12PVC4SS2M Datasheet HTML 10Page - Omron Electronics LLC XS2W-M12PVC4SS2M Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Round Water-resistant Connectors (M12)
XS2
145
■ XS2C - Sockets, Screw Terminals
Dimensions
(Unit: mm)
Ordering Information
(PENDING)
54.9
20 dia. 14.9 dia.
16 dia.
XS2C-D5S7 (5-core, Straight, Applicable Cable Outer Diameter: 8 mm)
XS2C-D5S9 (5-core, Straight, Applicable Cable Outer Diameter: 7 mm)
XS2C-D4S7 (4-core, Straight, Applicable Cable Outer Diameter: 8 mm)
XS2C-D4S9 (4-core, Straight, Applicable Cable Outer Diameter: 7 mm)
54.9
20 dia.
M12
× 1
14.9 dia.
14 dia.
XS2C-D5S1 (5-core, Straight, Applicable Cable Outer Diameter: 6 mm)
XS2C-D4S
@ (4-core, Straight, Applicable Cable Outer Diameter: 3, 4, or 6 mm)
14.9 dia.
35.9
39.6
14 dia.
20 dia.
M12
× 1
XS2C-D5S2 (5-core, Angled, Applicable Cable Outer Diameter: 6 mm)
XS2C-D4S
@ (4-core, Angled, Applicable Cable Outer Diameter: 3, 4, or 6 mm)
No. of poles
Suitable cable dia. (mm)
Straight connectors
Angled connectors
Minimum order
Model
Model
5
8-mm-dia. model (7 to 8 mm dia.)
XS2C-D5S7
—
50
7-mm-dia. model (6 to 7 mm dia.)
XS2C-D5S9
—
6-mm-dia. model (5 to 6 mm dia.)
XS2C-D5S1
XS2C-D5S2
4
8-mm-dia. model (7 to 8 mm dia.)
XS2C-D4S7
—
7-mm-dia. model (6 to 7 mm dia.)
XS2C-D4S9
—
6-mm-dia. model (5 to 6 mm dia.)
XS2C-D4S1
XS2C-D4S2
4-mm-dia. model (4 to 5 mm dia.)
XS2C-D4S3
XS2C-D4S4
3-mm-dia. model (3 to 4 mm dia.)
XS2C-D4S5
XS2C-D4S6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com