Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS2W-M12PVC4SS2M Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XS2W-M12PVC4SS2M
Description  Round Water-resistant Connectors (M12)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2W-M12PVC4SS2M Datasheet(HTML) 1 Page - Omron Electronics LLC

  XS2W-M12PVC4SS2M Datasheet HTML 1Page - Omron Electronics LLC XS2W-M12PVC4SS2M Datasheet HTML 2Page - Omron Electronics LLC XS2W-M12PVC4SS2M Datasheet HTML 3Page - Omron Electronics LLC XS2W-M12PVC4SS2M Datasheet HTML 4Page - Omron Electronics LLC XS2W-M12PVC4SS2M Datasheet HTML 5Page - Omron Electronics LLC XS2W-M12PVC4SS2M Datasheet HTML 6Page - Omron Electronics LLC XS2W-M12PVC4SS2M Datasheet HTML 7Page - Omron Electronics LLC XS2W-M12PVC4SS2M Datasheet HTML 8Page - Omron Electronics LLC XS2W-M12PVC4SS2M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Round Water-resistant Connectors (M12)
XS2
139
Round Water-resistant Connectors (M12)
XS2
Water- and Environment-resistive FA Connectors
Save Wiring and Maintenance Effort
• Compact FA connectors satisfy IP67 requirements and en-
sure a 94V-0 fire retardant rating.
• A wide array of connectors makes a wiring system more
modular, simplifies maintenance, and reduces downtime.
• Connectors with Cables and Connector Assemblies are
available.
• Three types of Connector Assembly: Crimping, soldering,
and screw-on.
■ Ratings and Specifications
■ Material
■ PVC Cable
■ PUR Cable
■ Construction
(XS2G Soldering Plug Connector Assembly)
Note: 1. See “XS5/XS2 - Assembly Tooling and Accessories” datasheet
for information regarding assembly, tooling and accessories
that are common to the XS5 and XS2 connectors
2. See “XS5” datasheet for specifics regarding those connectors
Item
4,5 Poles
8 Poles
Rated current
4 A
1.5 A
Rated voltage
125 VDC, 250 VAC
36 VDC
Contact resistance
40 m
Ω max. (20 mV max., 100 mA max.)
Insulation resistance
1,000 M
Ω min. (at 500 VDC)
Dielectric strength
(leakage current: 1 mA max.)
1,500 VAC for 1 min
1,000 VAC for 1 min
Degree of protection
IP67 (IEC60529)
Insertion tolerance
200 times min.
Contact / Surface
Copper Alloy / Nickel base, Au 0.4
μm
Connector housing
PBT resin (UL94V-0)
Nut / Surface
Copper Alloy / Nickel plated
Cover (XS2F/H/W/R)
PBT resin (UL94V-0)
Body (XS2C/G)
PBT resin (UL94V-0)
Item
3 cores
4 cores
5 cores
8 cores
Color
Black
Light Grey
Outer diameter
5 mm dia.
5.4 mm dia.
5.8 mm dia.
6 mm dia.
Conductor size
AWG22 0.34 mm2 (43 × 0.1)
0.25 mm2
(20 × 0.127)
Approvals
AWM
—
Features
Flame retardant
—
Temperature range
Cable fixed: -10 to +80
°C /
Cable moved: -0 to +60
°C
-25
°C to
+70
°C
Item
3 cores
4 cores
5 cores
Color
Black
Outer diameter
4.3 mm dia.
4.7 mm dia.
5 mm dia.
Conductor size
AWG22 0.34 mm2 (43 × 0.1)
Approvals
AWM
Features
Flame retardant
Halogen free
Oil resistance
Temperature range
Cable fixed: -50 to +80
°C / Cable moved: -25 to +80°C
Lock spring
Fixture
Solder-cup pin
Cover
O-ring
Contact block
Watertight bushing
Cable clamp
Cap


Similar Part No. - XS2W-M12PVC4SS2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS2W-D421-C81-F OMRON-XS2W-D421-C81-F Datasheet
4Mb / 24P
Environment-resistive Remote Terminal NXR-series IO-Link Master Unit for EtherCAT®
XS2W-D421-C81-F OMRON-XS2W-D421-C81-F Datasheet
1Mb / 28P
E2EL-X8E1-DS 2M
XS2W-D421-C81-F OMRON-XS2W-D421-C81-F Datasheet
2Mb / 14P
Single-beam Safety Sensor
2016.8
XS2W-D421-D81-F OMRON-XS2W-D421-D81-F Datasheet
4Mb / 24P
Environment-resistive Remote Terminal NXR-series IO-Link Master Unit for EtherCAT®
XS2W-D421-D81-F OMRON-XS2W-D421-D81-F Datasheet
1Mb / 28P
E2EL-X8E1-DS 2M
More results

Similar Description - XS2W-M12PVC4SS2M

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
ZCS1-120 AZETTLER-ZCS1-120 Datasheet
141Kb / 2P
WATER RESISTANT SOLENOID
logo
Extech Instruments Corp...
365510 EXTECH-365510 Datasheet
165Kb / 1P
Water Resistant Stopwatch/Clock
logo
Omron Electronics LLC
XS3 OMRON-XS3 Datasheet
1Mb / 14P
Round Water-resistant Connectors (M8)
XS5 OMRON-XS5 Datasheet
2Mb / 18P
Round Water-resistant Connectors (M12)
logo
CONEC Elektronische Bau...
15-000050 CONEC-15-000050 Datasheet
98Kb / 1P
WATER RESISTANT SCREEN CAP
15-000150 CONEC-15-000150 Datasheet
92Kb / 1P
WATER RESISTANT SCREEN CAP
logo
Omron Electronics LLC
XS2 OMRON-XS2_11 Datasheet
3Mb / 18P
Round Water-resistant Connectors (M12)
XS2F-D421-DC0-A OMRON-XS2F-D421-DC0-A Datasheet
3Mb / 26P
Round Water-resistant Connectors (M12)
logo
Soberton Inc.
WSP-417108 SOBERTON-WSP-417108_18 Datasheet
539Kb / 1P
WSP WATER RESISTANT SPEAKER
WSP-5008-57 SOBERTON-WSP-5008-57_18 Datasheet
462Kb / 1P
WSP WATER RESISTANT SPEAKER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com