Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTCLAG665F Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTCLAG665F
Description  RADIO AND CASSETTE RECORDER CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCLAG665F Datasheet(HTML) 2 Page - Unisonic Technologies

  UTCLAG665F Datasheet HTML 1Page - Unisonic Technologies UTCLAG665F Datasheet HTML 2Page - Unisonic Technologies UTCLAG665F Datasheet HTML 3Page - Unisonic Technologies UTCLAG665F Datasheet HTML 4Page - Unisonic Technologies UTCLAG665F Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UTCLAG665F
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R110-013,A
PIN CONFIGURATION
VBPRE
1IN+
1IN-
INFPRF
IOUT PRE
ATT1
CONVOL
VREF
1OUT P
GNDP
VBP
GNDMD
VCON
MOON
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
24
25
23
22
21
20
19
18
17
16
15
GNDPRE
2IN+
2IN-
2NFPRE
2OUT PRE
ATT2
PREOFF
VCCPRE
2OUT P
MOOFF
VCCMO
CONT
CONS
VCC
PIN NO.
SYMBOL
DESCRIPTION
PIN NO.
SYMBOL
DESCRIPTION
1
VBPRE
Pre Amp Bias Voltage
15
CONS
Speed Control
2
1 IN+
Channel 1 “ +” Input
16
CONT
Torqul Control
3
1 IN -
Channel 1 “ -” Input
17
VCCMO
Motor Power Control
4
1 NFPRE
Feedback
1
18
MOOFF
Motor Forced Stop
5
1 OUTPRE
Pre Amp Output
1
19
2 OUTP
Power Amp Output
2
6
ATT 1
Attenuator
1
20
VCC
Supply Voltage
7
CONVOL
Volume Control
21
VCCPRE
Supply Voltage
8
VREF
Reference Voltage
22
PREOFF
Pre Amp Off
9
1 OUTP
Power Amp Output
1
23
ATT 2
Attenuator
2
10
GNDP
Power GND
24
2 OUTPRE
Pre Amp Output
2
11
VBP
Power Amp Bias
Voltage
25
2 NFPRE
Feedback
2
12
GNDMD
Motor GND
26
2 IN-
Channel 2 “ -” Input
13
VCON
Motor Control Voltage
27
2 IN+
Channel 2 “ +” Input
14
MOON
Motor Forced Start
28
GNDPRE
Pre GND



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com