Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTCLAG665F Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTCLAG665F
Description  RADIO AND CASSETTE RECORDER CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCLAG665F Datasheet(HTML) 4 Page - Unisonic Technologies

  UTCLAG665F Datasheet HTML 1Page - Unisonic Technologies UTCLAG665F Datasheet HTML 2Page - Unisonic Technologies UTCLAG665F Datasheet HTML 3Page - Unisonic Technologies UTCLAG665F Datasheet HTML 4Page - Unisonic Technologies UTCLAG665F Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UTCLAG665F
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R110-013,A
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference Voltage Change I
Vref 1
Vcc=2.1~5V
0.05
%/V
Reference Voltage Change II
Vref 2
Im=25~250mA
0.01
%/mA
Reference Voltage Change III
Vref 3
Ta=-10~50
°C
0.01
%/
°C
Current Factor
K
32
38
43
Current Factor Change I
K 1
Vcc=2.1~5V
0.5
%/V
Current Factor Change II
K 2
Im=25~250mA
0.05
%/mA
Current Factor Change III
K 3
Ta=-10~50
°C
0.02
%/
°C
Saturation Voltage at Forced ON
VCEsa
IM=200mA, Pin 14=Vcc
0.6
V
Input Impedance at Forced ON
Pin
Rion
5.6
K
Ω
Leakage Current at Forced OFF
IML
200
µA
Input Impedance at Forced OFF
Pin
Ricon
33
K
Ω
TEST CIRCUIT
NOTE1 :
SW12,SW12
R1,R’ =33k
Ω
R2,R2’ =5.1k
Ω
R3,R3’ =200k
Ω
R2,R2,=5.1k
Ω
C1,C’ =0.1
µF
NOTE2 :
See figure 1 for SW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com