Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTCLM358 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTCLM358
Description  DUAL OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCLM358 Datasheet(HTML) 4 Page - Unisonic Technologies

  UTCLM358 Datasheet HTML 1Page - Unisonic Technologies UTCLM358 Datasheet HTML 2Page - Unisonic Technologies UTCLM358 Datasheet HTML 3Page - Unisonic Technologies UTCLM358 Datasheet HTML 4Page - Unisonic Technologies UTCLM358 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UTCLM358
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO.,LTD.
4
QW-R105-001,A
TYPICAL PERFORMANCE CHARACTERISTICS
0
5
10
15
5
0
10
15
Fig.1 Input Voltage Range
Power Supply Voltage
Positive
Input
Negative
Input
-50
-25
0
25
50
75
100
0
20
40
60
80
100
Vcc=+15V
Vcc=+5V
Vcc=+30V
Fig.2 Input Current vs Temperature
Temperature(¢XC)
0
10
20
30
40
0
10
20
30
40
Vcc
Ic
Ta= 0~+85¢XC
Ta= -40¢XC
Fig.3 Input Current vs Supply Voltage
Supply Voltage (V)
0
7.5
15
22.5
30
0
40
80
120
160
Fig. 4 Voltage Gain vs Supply Voltage
Supply Voltage (V)
RL=20k
Ω
RL=2k
Ω
Fig. 5 Open Loop Gain vs Frequency
0
20
40
60
80
120
100
10
0
1
10
2
10
3
10
4
10
5
10
6
10
7
10
Frequency (Hz)
Vcc=30V
Vcc=15V
0.1
µF
100M
Ω
Vcc
Vin
Vcc/2
2
10
3
10
4
10
5
10
6
10
0
20
40
60
80
100
120
Fig. 6 Common Mode Rejection Ratio vs Frequency
Frequency (Hz)
100k
Ω -7.5V
100
Ω
100
Ω
100k
Ω
+7.5V
Vin
Vcc=+7.5V
Vee=-7.5V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com