Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTCLM358 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTCLM358
Description  DUAL OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCLM358 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTCLM358 Datasheet HTML 1Page - Unisonic Technologies UTCLM358 Datasheet HTML 2Page - Unisonic Technologies UTCLM358 Datasheet HTML 3Page - Unisonic Technologies UTCLM358 Datasheet HTML 4Page - Unisonic Technologies UTCLM358 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UTCLM358
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO.,LTD.
1
QW-R105-001,A
DUAL OPERATIONAL AMPLIFIER
DESCRIPTION
The UTC LM358 consists of two independent high gain,
internally frequency compensated operational amplifier. It can
be operated from a single power supply and also split power
supplies.
FEATURES
*Internally frequency compensated for unity gain.
*Wide power supply range
3V - 32V.
*Input common-mode voltage range include ground.
*Large DC voltage gain.
APPLICATIONS
*General purpose amplifier.
*Transducer amplifier.
DIP-8
SOP-8
PIN CONFIGURATIONS
1
2
3
4
8
7
6
5
OUTPUT2
INPUT2(-)
INPUT1(+)
VEE / GND
Vcc
OUTPUT 1
INPUT1(-)
INPUT2(+)


Similar Part No. - UTCLM358

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLM317 UTC-UTCLM317 Datasheet
29Kb / 4P
3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
UTCLM317L UTC-UTCLM317L Datasheet
47Kb / 5P
LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
UTCLM339 UTC-UTCLM339 Datasheet
42Kb / 4P
QUAD DIFFERENTIAL COMPARATOR
UTCLM386 UTC-UTCLM386 Datasheet
22Kb / 2P
LOW VOLTAGE AUDIO POWER AMPLIFIER
UTCLM393 UTC-UTCLM393 Datasheet
38Kb / 4P
DUAL DIFFERENTIAL COMPARATOR
More results

Similar Description - UTCLM358

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
DUAL OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
Dual operational amplifier
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
Dual Operational Amplifier
logo
Integral Corp.
IL4580 INTEGRAL-IL4580 Datasheet
609Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HA17904 RENESAS-HA17904 Datasheet
199Kb / 8P
Dual Operational Amplifier
HA17458 RENESAS-HA17458 Datasheet
99Kb / 9P
Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL4580 IKSEMICON-IL4580 Datasheet
610Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGSC4558 SECOS-SGSC4558 Datasheet
528Kb / 4P
Dual Operational Amplifier
logo
New Japan Radio
NJM4560E NJRC-NJM4560E Datasheet
203Kb / 5P
DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com